Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN60H3D5SK3 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN60H3D5SK3
Description  600V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN60H3D5SK3 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN60H3D5SK3 Datasheet HTML 1Page - Diodes Incorporated DMN60H3D5SK3 Datasheet HTML 2Page - Diodes Incorporated DMN60H3D5SK3 Datasheet HTML 3Page - Diodes Incorporated DMN60H3D5SK3 Datasheet HTML 4Page - Diodes Incorporated DMN60H3D5SK3 Datasheet HTML 5Page - Diodes Incorporated DMN60H3D5SK3 Datasheet HTML 6Page - Diodes Incorporated DMN60H3D5SK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN60H3D5SK3
Document number: DS37884 Rev. 2 - 2
1 of 7
www.diodes.com
January 2017
© Diodes Incorporated
DMN60H3D5SK3
600V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID
TC = +25°C
600V
3.5
 @ VGS = 10V
2.8A
Description
This new generation complementary MOSFET features low on-
resistance and fast switching, making it ideal for high efficiency power
management applications.
Applications
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features
Low Input Capacitance
High BVDSS Rating for Power Application
Low Input/Output Leakage
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO252 (DPAK) (Type TH)
Case M
aterial: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.33 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN60H3D5SK3-13
TO252 (DPAK) (Type TH)
2,500/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Internal Schematic
Top View
Pin Out
Top View
TO252 (DPAK) (Type TH)
Green
=Manufacturer’s Marking
60H3D5S = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Last Two Digits of Year (ex: 17 = 2017)
WW or WW = Week Code (01 to 53)
G
D
S
D
60H3D5S
YYWW


Similar Part No. - DMN60H3D5SK3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMN60H3D5SK3 ISC-DMN60H3D5SK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - DMN60H3D5SK3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG4N60SK3 DIODES-DMG4N60SK3 Datasheet
565Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP5N60 PANJIT-PJP5N60 Datasheet
193Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN127KN3 CYSTEKEC-MTN127KN3 Datasheet
429Kb / 9P
   600V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com