Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN5L06VK-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN5L06VK-13
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06VK-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN5L06VK-13 Datasheet HTML 1Page - Diodes Incorporated DMN5L06VK-13 Datasheet HTML 2Page - Diodes Incorporated DMN5L06VK-13 Datasheet HTML 3Page - Diodes Incorporated DMN5L06VK-13 Datasheet HTML 4Page - Diodes Incorporated DMN5L06VK-13 Datasheet HTML 5Page - Diodes Incorporated DMN5L06VK-13 Datasheet HTML 6Page - Diodes Incorporated DMN5L06VK-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN5/L06VK/L06VAK/010VAK
Document number: DS30769 Rev. 13 - 2
2 of 7
www.diodes.com
February 2017
© Diodes Incorporated
DMN5/L06VK/L06VAK/010VAK
Marking Information (Note 5 & 6)
Date Code Key
Year
2006
~
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
T
~
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Notes:
5. Package is non-polarized. Parts may be on reel in orientation illustrated, 180°rotated, or mixed (both ways).
6. Part number with suffix 7A and 13A designates devices marked with a Pin 1 indicator. There is no other difference between both devices.
1
2
3
6
5
4
KAB
YM
S1
G1
D2
D1
G2
S2
KAB= DMN5L06VK Product Type
Marking Code
YM = Date Code Marking
Y
= Year (ex: E = 2017)
M = Month (ex: 9 = September)
DMN5L06VK-7/-13 (Note 5)
DMN5L06VK-7A/-13A (Note 6)
KAB
YM
S1
G1
D2
D1
G2
S2
xxx
YM
G1
S1
D2
D1
S2
G2
1
2
3
6
5
4
xxx
YM
G1
S1
D2
D1
S2
G2
DMN5L06VAK-7/-13 (Note 5)
DMN5010VAK-7/-13 (Note 5)
DMN5L06VAK-7A/-13A (Note 6)
DMN5010VAK-7A/-13A (Note 6)
xxx = Product Type Marking Code:
KAE or KAE or KAC
YM = Date Code Marking
Y
= Year (ex: E = 2017)
M = Month (ex: 9 = September)


Similar Part No. - DMN5L06VK-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06VK-13 DIODES-DMN5L06VK-13 Datasheet
278Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN5L06VK-13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com