Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM4001ST Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM4001ST
Description  15 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM4001ST Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM4001ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM4001ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM4001ST - OM4002ST
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS
Symbol
Characteristic
Conditions
Limits
Type
V
RWM
Working Peak Reverse
OM4001ST
45
V
OM4002ST
60
V
V
R
DC Blocking Voltage
OM4001ST
45
V
OM4002ST
60
V
i
R
Maximum Instantaneous
T
C = 25°C @ VR
5mA
Reverse Current*
T
C = 125°C @ VR
150
mA
V
F
Maximum Instantaneous
T
C = 25°C, IF = 15A
.750
V
Forward Voltage
T
C = 125°C, IF = 15A
.725
V
C
t
Capacitance
V
R = 5.0V
800
pf
*Pulse Test Width = 300
µsec,
2% Duty Cycle.
MECHANICAL OUTLINE
.045
.035
.430
.410
.200
.190
.038 MAX.
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.200 TYP.
.045
.035
.005
50
20
10
5
3
1
0.5
0
0.1
0.2
0.3
0.5
0.5
0.6
0.7
0.8
0.9
1
10
1
0.1
0.01
20
40
60
80
100
120
TYPICAL REVERSE CURRENT
10
20
30
40
50
60
V
R -REVERSE VOLTAGE (VOLTS)
10
1
0.1
0.01
T
J = 25°C
T
J = 100°C
T
J = 125°C
T
J = 150°C
TYPICAL FORWARD VOLTAGE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V
F - INSTANTANEOUS VOLTAGE (VOLTS)
100°C
50
20
10
5
0.5
1
3
175°C
150°C
T
J = 25°C


Similar Part No. - OM4001ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM4001ST IRF-OM4001ST Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
OM4001ST IRF-OM4001ST_15 Datasheet
32Kb / 2P
   Available Screened To MIL-S-19500, TX, TXV And S Levels
More results

Similar Description - OM4001ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4003ST ETC2-OM4003ST Datasheet
22Kb / 2P
   10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
OM4003 ETC-OM4003 Datasheet
15Kb / 2P
   10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE
logo
International Rectifier
OM5001ST IRF-OM5001ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
logo
Sensitron
SHD116236 SENSITRON-SHD116236 Datasheet
157Kb / 3P
   200 VOLT, 15 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC SHD-1/B PACKAGE.
SHD124411 SENSITRON-SHD124411 Datasheet
75Kb / 3P
   30 VOLT, 45/30 AMP, SCHOTTKY RECTIFIER IN A HERMETIC TO-258 PACKAGE.
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826 Datasheet
127Kb / 2P
   15 Amp Schottky Rectifier
logo
International Rectifier
MBRB1535CT IRF-MBRB1535CT Datasheet
34Kb / 3P
   SCHOTTKY RECTIFIER 15 Amp
logo
Digitron Semiconductors
1N5826 DIGITRON-1N5826 Datasheet
172Kb / 2P
   15 AMP SCHOTTKY RECTIFIER
logo
Microsemi Corporation
1N5826 MICROSEMI-1N5826_07 Datasheet
133Kb / 2P
   15 Amp schottky Rectifier
logo
International Rectifier
OM7642SM IRF-OM7642SM_15 Datasheet
33Kb / 4P
   Small Hermetic Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com