Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-9225V-130-340 Datasheet(PDF) 5 Page - CUI INC

Part # CFM-9225V-130-340
Description  DC AXIAL FAN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-9225V-130-340 Datasheet(HTML) 5 Page - CUI INC

  CFM-9225V-130-340 Datasheet HTML 1Page - CUI INC CFM-9225V-130-340 Datasheet HTML 2Page - CUI INC CFM-9225V-130-340 Datasheet HTML 3Page - CUI INC CFM-9225V-130-340 Datasheet HTML 4Page - CUI INC CFM-9225V-130-340 Datasheet HTML 5Page - CUI INC CFM-9225V-130-340 Datasheet HTML 6Page - CUI INC CFM-9225V-130-340 Datasheet HTML 7Page - CUI INC CFM-9225V-130-340 Datasheet HTML 8Page - CUI INC CFM-9225V-130-340 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
cui.com
date 07/31/2017
│ page 5 of 10
CUI Inc
│ SERIES: CFM-92V │ DESCRIPTION: DC AXIAL FAN
PERFORMANCE CURVES (CONTINUED)
0
0.03
0.06
0.09
0.12
0.15
01020304050
0
0.76
1.52
2.28
3.04
3.8
00.280.560.841.121.4
Air Flow (CMM)
Air Flow (CFM)
0
0.03
0.06
0.09
0.12
0.15
0102030405060
0
0.76
1.52
2.28
3.04
3.8
00.280.560.841.121.4
1.68
Air Flow (CMM)
Air Flow (CFM)
CFM-9225V-227-320
CFM-9225V-230-340
9
6
3
0
0
0.85
1.70
0.30
0.15
0
30
60
CFM
CMM
Air Flow
CFM-9225V-239-420
9
6
3
0
0
0.85
1.70
0.30
0.15
0
30
60
CFM
CMM
Air Flow
CFM-9225V-242-440
For more information, please visit the product page.


Similar Part No. - CFM-9225V-130-340

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-9225-13 CUI-CFM-9225-13 Datasheet
741Kb / 5P
   DC AXIAL FAN
CFM-9225-23 CUI-CFM-9225-23 Datasheet
741Kb / 5P
   DC AXIAL FAN
logo
CUI Devices
CFM-9225B-120-269 CUID-CFM-9225B-120-269 Datasheet
1Mb / 9P
   DC AXIAL FAN
08/12/2022
CFM-9225B-125-317 CUID-CFM-9225B-125-317 Datasheet
1Mb / 9P
   DC AXIAL FAN
08/12/2022
CFM-9225B-130-356 CUID-CFM-9225B-130-356 Datasheet
1Mb / 9P
   DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM-9225V-130-340

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com