Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-92V Datasheet(PDF) 2 Page - CUI INC

Part # CFM-92V
Description  DC AXIAL FAN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-92V Datasheet(HTML) 2 Page - CUI INC

  CFM-92V Datasheet HTML 1Page - CUI INC CFM-92V Datasheet HTML 2Page - CUI INC CFM-92V Datasheet HTML 3Page - CUI INC CFM-92V Datasheet HTML 4Page - CUI INC CFM-92V Datasheet HTML 5Page - CUI INC CFM-92V Datasheet HTML 6Page - CUI INC CFM-92V Datasheet HTML 7Page - CUI INC CFM-92V Datasheet HTML 8Page - CUI INC CFM-92V Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 07/31/2017
│ page 2 of 10
CUI Inc
│ SERIES: CFM-92V │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage1
12 Vdc input models
24 Vdc input models
48 Vdc input models
4.5
10.0
24.0
12
24
48
13.8
27.6
56.0
Vdc
Vdc
Vdc
starting voltage2
12 Vdc input models
24 Vdc input models
48 Vdc input models
4.5
8
24
Vdc
Vdc
Vdc
Note:
1. See Model section on page 1 for specific input voltage ranges.
2. The starting voltage for models CFM-9225V-139-416, CFM-9225V-142-437, and CFM-9225V-145-455 is 6 Vdc. TThe starting voltage for models CFM-9225V-239-420,
CFM-9225V-242-440, and CFM-9225V-245-460 is 10 Vdc.
PERFORMANCE3
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 10 minutes
1700
4500
RPM
air flow
at 0 inch H
2O, see performance curves
28.4
75.0
CFM
static pressure
at 0 CFM, see performance curves
0.05
0.35
inch H
2O
noise
at 1 m
17.7
46.0
dBA
Note:
3. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES4
parameter
conditions/description
min
typ
max
units
auto restart
on all models
rotation detector signal
available on “11” models
tachometer signal
available on “20” models
Notes:
4. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between internal stator and positive
lead wire
10
MΩ
dielectric strength
apply 500 Vac for 1 minute between housing and
positive lead wire
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 61000-6-1:2007, EN 61000-6-3:2007+A1
life expectancy
at 40°C, 65% RH
70,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
For more information, please visit the product page.


Similar Part No. - CFM-92V

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-92 CUI-CFM-92 Datasheet
741Kb / 5P
   DC AXIAL FAN
CFM-9225-13 CUI-CFM-9225-13 Datasheet
741Kb / 5P
   DC AXIAL FAN
CFM-9225-23 CUI-CFM-9225-23 Datasheet
741Kb / 5P
   DC AXIAL FAN
logo
CUI Devices
CFM-9225B-120-269 CUID-CFM-9225B-120-269 Datasheet
1Mb / 9P
   DC AXIAL FAN
08/12/2022
CFM-9225B-125-317 CUID-CFM-9225B-125-317 Datasheet
1Mb / 9P
   DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM-92V

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com