Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBM-5015V-150 Datasheet(PDF) 5 Page - CUI INC

Part # CBM-5015V-150
Description  DC BLOWER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CBM-5015V-150 Datasheet(HTML) 5 Page - CUI INC

  CBM-5015V-150 Datasheet HTML 1Page - CUI INC CBM-5015V-150 Datasheet HTML 2Page - CUI INC CBM-5015V-150 Datasheet HTML 3Page - CUI INC CBM-5015V-150 Datasheet HTML 4Page - CUI INC CBM-5015V-150 Datasheet HTML 5Page - CUI INC CBM-5015V-150 Datasheet HTML 6Page - CUI INC CBM-5015V-150 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 08/02/2017
│ page 5 of 7
CUI Inc
│ SERIES: CBM-50V │ DESCRIPTION: DC BLOWER
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
CBM-5015V models: 4 pole DC brushless
CBM-5020V models: 8 pole DC brushless
bearing system
omniCOOL™
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
CBM-5015V models: 51.7 x 51.6 x 15
CBM-5020V models: 50 x 50 x 20
mm
mm
material
PBT (UL94V-0)
weight
CBM-5015V models
CBM-5020V models
30
33
g
g
MECHANICAL DRAWINGS
CBM-5015V
CBM-5020V
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
units: mm
wire: UL 1061, 26 AWG
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
For more information, please visit the product page.


Similar Part No. - CBM-5015V-150

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CBM-5015CF-035-293 CUID-CBM-5015CF-035-293 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-045-348 CUID-CBM-5015CF-045-348 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-055-391 CUID-CBM-5015CF-055-391 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-135-293 CUID-CBM-5015CF-135-293 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-145-348 CUID-CBM-5015CF-145-348 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
More results

Similar Description - CBM-5015V-150

ManufacturerPart #DatasheetDescription
logo
CUI INC
CBM-75B CUI-CBM-75B Datasheet
583Kb / 7P
   DC BLOWER
CBM-97B CUI-CBM-97B Datasheet
541Kb / 7P
   DC BLOWER
CBM-120B-2 CUI-CBM-120B-2 Datasheet
680Kb / 6P
   DC BLOWER
05/14/2021
logo
CUI Devices
CBM-75CF CUID-CBM-75CF Datasheet
1,022Kb / 6P
   DC BLOWER
05/05/2023
CBM-40C CUID-CBM-40C Datasheet
978Kb / 8P
   DC BLOWER
05/05/2023
logo
CUI INC
CBM-120B CUI-CBM-120B Datasheet
631Kb / 6P
   DC BLOWER
CBM-40C CUI-CBM-40C Datasheet
575Kb / 6P
   DC BLOWER
logo
CUI Devices
CBM-35CF CUID-CBM-35CF Datasheet
1Mb / 7P
   DC BLOWER
05/08/2023
logo
CUI INC
CBM-60V CUI-CBM-60V Datasheet
612Kb / 6P
   DC BLOWER
logo
CUI Devices
CBM-50CF CUID-CBM-50CF Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com