Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBM-5015V-140 Datasheet(PDF) 2 Page - CUI INC

Part # CBM-5015V-140
Description  DC BLOWER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CBM-5015V-140 Datasheet(HTML) 2 Page - CUI INC

  CBM-5015V-140 Datasheet HTML 1Page - CUI INC CBM-5015V-140 Datasheet HTML 2Page - CUI INC CBM-5015V-140 Datasheet HTML 3Page - CUI INC CBM-5015V-140 Datasheet HTML 4Page - CUI INC CBM-5015V-140 Datasheet HTML 5Page - CUI INC CBM-5015V-140 Datasheet HTML 6Page - CUI INC CBM-5015V-140 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 08/02/2017
│ page 2 of 7
CUI Inc
│ SERIES: CBM-50V │ DESCRIPTION: DC BLOWER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage1
4.5
12
13.8
Vdc
starting voltage2
4.5
Vdc
Note:
1. See Model section on page 1 for specific input voltage ranges.
2. Starting voltage for models CBM-5015V-130, CBM-5020V-144, CBM-5020V-148, and CBM-5020V-152 is 6 Vdc.
PERFORMANCE3
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 10 minutes
3000
6000
RPM
air flow
at 0 inch H
2O, see performance curves
2.6
5.7
CFM
static pressure
at 0 CFM, see performance curves
0.18
0.97
inch H
2O
noise
at 1 m
23.4
42.2
dBA
Note:
3. See Model section on page 1 for specific values.
PROTECTIONS
parameter
conditions/description
min
typ
max
units
auto restart
when the fan motor is locked by an external force,
the device will temporarily turn off electrical power
to the motor and restart automatically when the
locked rotor condition is released
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between internal stator and positive
lead wire
10
MΩ
dielectric strength
apply 500 Vac for 1 minute between housing and
positive lead wire
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 61000-6-1:2007, EN 61000-6-3:2007+A1
life expectancy
at 40°C, 65% RH
70,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
For more information, please visit the product page.


Similar Part No. - CBM-5015V-140

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CBM-5015CF-035-293 CUID-CBM-5015CF-035-293 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-045-348 CUID-CBM-5015CF-045-348 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-055-391 CUID-CBM-5015CF-055-391 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-135-293 CUID-CBM-5015CF-135-293 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
CBM-5015CF-145-348 CUID-CBM-5015CF-145-348 Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
More results

Similar Description - CBM-5015V-140

ManufacturerPart #DatasheetDescription
logo
CUI INC
CBM-75B CUI-CBM-75B Datasheet
583Kb / 7P
   DC BLOWER
CBM-97B CUI-CBM-97B Datasheet
541Kb / 7P
   DC BLOWER
CBM-120B-2 CUI-CBM-120B-2 Datasheet
680Kb / 6P
   DC BLOWER
05/14/2021
logo
CUI Devices
CBM-75CF CUID-CBM-75CF Datasheet
1,022Kb / 6P
   DC BLOWER
05/05/2023
CBM-40C CUID-CBM-40C Datasheet
978Kb / 8P
   DC BLOWER
05/05/2023
logo
CUI INC
CBM-120B CUI-CBM-120B Datasheet
631Kb / 6P
   DC BLOWER
CBM-40C CUI-CBM-40C Datasheet
575Kb / 6P
   DC BLOWER
logo
CUI Devices
CBM-35CF CUID-CBM-35CF Datasheet
1Mb / 7P
   DC BLOWER
05/08/2023
logo
CUI INC
CBM-60V CUI-CBM-60V Datasheet
612Kb / 6P
   DC BLOWER
logo
CUI Devices
CBM-50CF CUID-CBM-50CF Datasheet
1Mb / 7P
   DC BLOWER
05/04/2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com