Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6150 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE6150
Description  1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6150 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE6150_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6150_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6150_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PE6150 REV 1.1
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6150
CAD Drawing


Similar Part No. - PE6150_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6150 PASTERNACK-PE6150 Datasheet
111Kb / 1P
   SMA MALE TERMINATION FREQUENCY RANGE :DC TO 4 GHz
More results

Similar Description - PE6150_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6151 PASTERNACK-PE6151_16 Datasheet
418Kb / 3P
   1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
   1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6243 PASTERNACK-PE6243_16 Datasheet
429Kb / 3P
   1 Watt RF Load Up to 10 GHz With SSMC Plug Input Gold Plated Brass
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
   1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
   1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
   2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
   2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
   1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6161 PASTERNACK-PE6161_16 Datasheet
436Kb / 4P
   1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
   2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com