Electronic Components Datasheet Search |
|
LM3702XABPX-34 Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM3702XABPX-34 Datasheet(HTML) 2 Page - National Semiconductor (TI) |
2 / 13 page Connection Diagram Top View (looking from the coating side) micro SMD 9 Bump Package BPA09 20011501 Pin Descriptions Bump No. Name Function A1 MR Manual-Reset input. When MR is less than V MRT (Manual Reset Threshold) RESET/RESET is engaged. B1 V CC Power Supply input. C1 RESET Reset Logic Output. Pulses low for t RP (Reset Timeout Period) when triggered, and stays low whenever V CC is below the reset threshold or when MR is below VMRT. It remains low for t RP after either VCC rises above the reset threshold, or after MR input rises above V MRT (LM3702 only). RESET Reset Logic Output. RESET is the inverse of RESET (LM3703 only). C3 LLO Low-Line Logic Output. Early Power-Fail warning output. Low when V CC falls below VLLOT (Low-Line Output Threshold). This output can be used to generate an NMI (Non-Maskable Interrupt) to provide an early warning of imminent power-failure. B3 GND Ground reference for all signals. A2, A3, C2 NC No Connect. B2 NC No Connect. Test input used at factory only. Leave floating. www.national.com 2 |
Similar Part No. - LM3702XABPX-34 |
|
Similar Description - LM3702XABPX-34 |