Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3428 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3428
Description  4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3428 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3428 Datasheet HTML 3Page - Linear Technology LTC3428 Datasheet HTML 4Page - Linear Technology LTC3428 Datasheet HTML 5Page - Linear Technology LTC3428 Datasheet HTML 6Page - Linear Technology LTC3428 Datasheet HTML 7Page - Linear Technology LTC3428 Datasheet HTML 8Page - Linear Technology LTC3428 Datasheet HTML 9Page - Linear Technology LTC3428 Datasheet HTML 10Page - Linear Technology LTC3428 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3428
7
3428f
COMPONENT SELECTION
Inductor Selection
The high frequency operation of the LTC3428 allows for
the use of small surface mount inductors. The inductor
ripple current is typically set to between 20% and 40% of
the maximum inductor current. For a given set of condi-
tions, the inductance is given as follows:
L
VV
V
RV
LH
IN MIN
OUT
IN MIN
OUT
>
()
()
•(
)
,2µ
where:
R = Allowable inductor current ripple (Amps P-P)
VIN(MIN) = Minimum input voltage (V)
VOUT = Output voltage (V)
For high efficiency, the inductor should have a high
frequency core material, such as ferrite, to reduce core
losses. The inductor should have a low ESR (equivalent
series resistance) to reduce I2R losses and must be able
to handle the peak inductor current without saturating.
Use of a toroid, pot core, or shielded bobbin inductor will
minimize radiated noise. See Table 1 for a list of inductor
manufacturers. Some example inductor part types are:
Coilcraft 1608 and 3316 series, Murata LQH55D series,
APPLICATIO S I FOR ATIO
Sumida CDRH4D22C/LD or CDRH5D28 series, Toko
FDV0630 or D62CB series.
Table 1. Inductor Vendor Information
Supplier
Phone
Fax
Website
Coilcraft
(847) 639-6400 (847) 639-1469
www.coilcraft.com
Murata
USA:
USA:
www.murata.com
(814) 238-1431 (814) 238-0490
Sumida
USA:
USA:
www.sumida.com
(847) 956-6666 (847) 956-0702
Japan:
Japan:
81-3-3607-5111 81-3-3607-5144
TDK
(847) 803-6100 (847) 803-6296
www.component.tdk.com
Toko
(847) 299-0070 (847) 699-7864
www.toko.com
Wurth
(201)785-8800
(201)785-8810
www.we-online.com
Output Capacitor Selection
The minimum value of the capacitor is set to reduce the
output ripple voltage due to charging and discharging the
capacitor each cycle. The steady state ripple due to this
charging is given by:
V
IV
V
CV
f
RIPPLE C
PEAK
OUT
IN MIN
OUT
OUT
()
()
•(
)
••
=
1
2
where: IPEAK = Peak inductor current (A)
The equivalent series resistance (ESR) of the output
capacitor will contribute another term to output voltage
ripple. Ripple voltage due to capacitor ESR is:
VI
R
RIPPLE ESR
PEAK
ESR C
()
( )
=
where:
RESR(C) = Capacitor ESR
The ESL (Equivalent Series Inductance) is another
capacitor characteristic that needs to be minimized. ESL
will be minimized by using small surface mount ceramic
capacitors, placed as close to the VOUT pin as possible.
Input Capacitor Selection
Since the VIN pin directly powers most of the internal
circuitry, it is recommended to place at least a 4.7µF, low
ESR bypass capacitor between VIN and AGND, as close to
the IC as possible. See Table 2 for a list of capacitor
manufacturers.
Figure 2. Output Ripple Current Comparison
Between Single Phase and Two Phase Boost
Converters with a 2A Load and 50% Duty Cycle
TIME (µs)
0
1.6
3428 F02
0.4
0.2
0.6
1.0
1.4
1.8
0.8
1.2
2.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1 PHASE
CONVERTER
2 PHASE
CONVERTER


Similar Part No. - LTC3428

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
More results

Similar Description - LTC3428

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3529 LINER-LTC3529_15 Datasheet
216Kb / 12P
   1.5A, 1.5MHz Step-Up DC/DC Converter in 2mm 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Linear Technology
LTC3528-2 LINER-LTC3528-2_15 Datasheet
401Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
LTC3528B-2 LINER-LTC3528B-2_15 Datasheet
317Kb / 18P
   1A, 2MHz Synchronous Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com