Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAT-10DC-3A Datasheet(PDF) 1 Page - Mini-Circuits

Part # SAT-10DC-3A
Description  Attenuator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAT-10DC-3A Datasheet(HTML) 1 Page - Mini-Circuits

  SAT-10DC-3A Datasheet HTML 1Page - Mini-Circuits SAT-10DC-3A Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• HIGH DC Current handling
• Rugged unibody construction
• DC resistance (in/out) 0.1W Typ.
Product Overview
SAT-10DC-3A+ is a DC Passing fixed attenuator in 100 MHz to 500 MHz frequency range with excellent flatness
of attenuation. These units support testing applications. Precise performance, excellent VSWR (1.1:1 typ.) and
rugged construction make these models ideal solutions for systems requiring precise attenuation across very wide
frequency range.
Feature
Advantages
Excellent VSWR, 1.10 typ
Well-matched for 50W systems; reduces effects of phase variation
Flat attenuation
Accurate performance within ±0.8 dB over the full frequency range.
Rugged construction
Excellent durability for a long lifetime of use.
Key Features
SAT-10DC-3A+
50W
100 to 500 MHz
Attenuator
DC Passing
Page 1 of 2
CASE STYLE: FF99


Similar Part No. - SAT-10DC-3A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SAT-1311 MICRO-ELECTRONICS-SAT-1311 Datasheet
294Kb / 2P
   TRANSFORMER FOR ADSL MODEM
SAT-1312 MICRO-ELECTRONICS-SAT-1312 Datasheet
226Kb / 1P
   TRANSFORMER FOR ADSL MODEM
SAT-1313 MICRO-ELECTRONICS-SAT-1313 Datasheet
183Kb / 1P
   TRANSFORMER FOR ADSL MODEM
SAT-1316 MICRO-ELECTRONICS-SAT-1316 Datasheet
193Kb / 1P
   TRANSFORMER FOR ADSL MODEM
More results

Similar Description - SAT-10DC-3A

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53AS102-K10N3 ROSENBERGER-53AS102-K10N3 Datasheet
542Kb / 2P
   Attenuator
28AS102-K06S3 ROSENBERGER-28AS102-K06S3 Datasheet
137Kb / 2P
   Attenuator
28AS102-K10S3 ROSENBERGER-28AS102-K10S3 Datasheet
114Kb / 2P
   Attenuator
09AS102-K06S3 ROSENBERGER-09AS102-K06S3 Datasheet
102Kb / 2P
   Attenuator
logo
Mini-Circuits
SAT-6DC-3A MINI-SAT-6DC-3A Datasheet
209Kb / 2P
   Attenuator
logo
Rosenberger Hochfrequen...
09AS102-K10S3 ROSENBERGER-09AS102-K10S3 Datasheet
102Kb / 2P
   Attenuator
08AS102-K40S3 ROSENBERGER-08AS102-K40S3 Datasheet
77Kb / 2P
   Attenuator
03AS102-K06S3 ROSENBERGER-03AS102-K06S3 Datasheet
532Kb / 2P
   Attenuator
03AS102-K10S3 ROSENBERGER-03AS102-K10S3 Datasheet
532Kb / 2P
   Attenuator
05AS102-S10S3 ROSENBERGER-05AS102-S10S3 Datasheet
146Kb / 2P
   Attenuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com