Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM74180 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74180
Description  9-Bit Parity Generators/Checkers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74180 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74180 Datasheet HTML 1Page - National Semiconductor (TI) DM74180 Datasheet HTML 2Page - National Semiconductor (TI) DM74180 Datasheet HTML 3Page - National Semiconductor (TI) DM74180 Datasheet HTML 4Page - National Semiconductor (TI) DM74180 Datasheet HTML 5Page - National Semiconductor (TI) DM74180 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
From (Input)
Conditions
Min
Max
Units
To (Output)
tPLH
Propagation Delay Time
Data to
CL e 15 pF
60
ns
Low to High Level Output
R
Even
RL e 400X
tPHL
Propagation Delay Time
Data to
Odd Input Low
68
ns
High to Low Level Output
R
Even
tPLH
Propagation Delay Time
Data to
48
ns
Low to High Level Output
R
Odd
tPHL
Propagation Delay Time
Data to
38
ns
High to Low Level Output
R
Odd
tPLH
Propagation Delay Time
Data to
CL e 15 pF
48
ns
Low to High Level Output
R
Even
RL e 400X
tPHL
Propagation Delay Time
Data to
Odd Input High
38
ns
High to Low Level Output
R
Even
tPLH
Propagation Delay Time
Data to
60
ns
Low to High Level Output
R
Odd
tPHL
Propagation Delay Time
Data to
68
ns
High to Low Level Output
R
Odd
tPLH
Propagation Delay Time
Even or Odd to
CL e 15 pF
20
ns
Low to High Level Output
R
Even or R Odd
RL e 400X
tPHL
Propagation Delay Time
Even or Odd to
10
ns
High to Low Level Output
R
Even or R Odd
Logic Diagram
TLF6559 – 2
3


Similar Part No. - DM74180

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM74184 NSC-DM74184 Datasheet
180Kb / 10P
   BCD-to-Binary and Binary-to-BCD Converters
DM74184N NSC-DM74184N Datasheet
180Kb / 10P
   BCD-to-Binary and Binary-to-BCD Converters
DM74185A NSC-DM74185A Datasheet
180Kb / 10P
   BCD-to-Binary and Binary-to-BCD Converters
DM74185AN NSC-DM74185AN Datasheet
180Kb / 10P
   BCD-to-Binary and Binary-to-BCD Converters
More results

Similar Description - DM74180

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74ALS280 TI-SN74ALS280 Datasheet
114Kb / 12P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com