Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82V738 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V738
Description  24-Bit Stereo Audio D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V738 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V738 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V738 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Digital Characteristics
Ta=
-10°Cto70°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
High-level Input Voltage
5V
¾
2.0
¾¾
V
3V
¾
2.0
¾¾
V
VIL
Low-level Input Voltage
5V
¾¾
¾
0.8
V
3V
IIN
Input Leakage Current
¾¾
¾
¾
±10
mA
Input Capacitance
¾¾
¾
8
¾
pF
Power Ratio
VA
DC Power Supply
¾¾
2.7
5.0
5.5
V
VIND
Digital Input Voltage
¾¾
-0.3
¾
VA+0.4
mA
Power Characteristics
Symbol
Parameter
Test Conditions
Base-rate Mode
High-rate Mode
Unit
VDD
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
IA
Power Supply Current
3V
Normal
¾
10
¾¾
10
¾
mA
Power-down
¾
30
¾¾
30
¾mA
5V
Normal
¾
15
¾¾
15
¾
mA
Power-down
¾
60
¾¾
60
¾mA
IA
Power Dissipation
3V
Normal
¾
30
¾¾
30
¾
mW
Power-down
¾
0.09
¾¾
0.09
¾
5V
Normal
¾
75
¾¾
75
¾
mW
Power-down
¾
0.3
¾¾
0.3
¾
Timing Diagrams
I
2S Mode
· 16-bit data and INT SCLK=32Fs, MCLK/LRCK=512, 256 or 128
· Up to 24-bit data and SCLK=48Fs, MCLK/LRCK=384 or 192
Left Justified 24-Bit Mode
· INT SCLK=64Fs, MCLK/LRCK=512, 256 or 128
· INT SCLK=48Fs, MCLK/LRCK=384 or 192
HT82V738
Rev. 1.00
4
October 16, 2003
M S B
- 1 - 2 - 3 - 4
- 5
+ 5 + 4 + 3 + 2 + 1 L S B
M S B
- 1 - 2 - 3 - 4
+ 5 + 4 + 3 + 2 + 1 L S B
R i g h t C h a n n e l
L e f t C h a n n e l
L R C K
S C L K
S D A T A
M S B
- 1 - 2 - 3 - 4
- 5
+ 5 + 4 + 3 + 2 + 1 L S B
M S B
- 1 - 2 - 3 - 4
+ 5 + 4 + 3 + 2 + 1 L S B
R i g h t C h a n n e l
L e f t C h a n n e l
L R C K
S C L K
S D A T A


Similar Part No. - HT82V738

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82V731 HOLTEK-HT82V731 Datasheet
68Kb / 7P
   Audio D/A Converter
HT82V732 HOLTEK-HT82V732 Datasheet
105Kb / 7P
   60mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
111Kb / 8P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733 Datasheet
85Kb / 7P
   240mA Audio Power Amp
HT82V733 HOLTEK-HT82V733_02 Datasheet
85Kb / 7P
   240mA Audio Power Amp
More results

Similar Description - HT82V738

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Jiaxing Heroic Technolo...
HT5010 HEROIC-HT5010 Datasheet
586Kb / 4P
   24-Bit, 192kHz Stereo D/A Converter
logo
Suzhou Everest Semicond...
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Protek Devices
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
   24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Protek Devices
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Suzhou Everest Semicond...
ES7144S EVEREST-ES7144S Datasheet
335Kb / 8P
   10-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Protek Devices
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
   24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com