Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTT64G-DAFA-29 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LTT64G-DAFA-29
Description  TOPLED Black
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTT64G-DAFA-29 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LTT64G-DAFA-29 Datasheet HTML 7Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 8Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 9Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 10Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 11Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 12Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 13Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 14Page - OSRAM GmbH LTT64G-DAFA-29 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Version 2.1
LT T64G
2013-12-03
11
Forward Current 6) page 23
Durchlassstrom 6) Seite23
IF = f (VF); TS = 25 °C
Relative Partial Flux 6) page 23 , 7) page 23
Relativer Partieller Lichtfluss 6) Seite23 , 7) Seite 23
EV/EV(20 mA) = f(IF); TS = 25 °C
Dominant Wavelength 6) page 23
Dominante Wellenlänge 6) Seite 23
λdom = f(IF); TS = 25 °C
LTT64G
2,8
3,0
3,2
3,4
3,6
3,8
VF [V]
5
10
20
30
40
50
IF [mA]
LTT64G
IF [mA]
0,4
0,5
0,6
0,7
0,8
0,9
1
2
EV
EV(20 mA )
LTT64G
IF [mA]
520
525
530
535
540
λ dom [nm]


Similar Part No. - LTT64G-DAFA-29

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTT6.0MA TOKEN-LTT6.0MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
logo
Transko Electronics, In...
LTT6.0MA TRANSKO-LTT6.0MA Datasheet
371Kb / 1P
   CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
LTT6.0MAP TOKEN-LTT6.0MAP Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
LTT6.25MA TOKEN-LTT6.25MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
logo
Transko Electronics, In...
LTT6.25MA TRANSKO-LTT6.25MA Datasheet
371Kb / 1P
   CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
More results

Similar Description - LTT64G-DAFA-29

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
   TOPLED Black
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
   TOPLED Black
LVT64G OSRAM-LVT64G Datasheet
2Mb / 24P
   TOPLED Black
LCYTWTG OSRAM-LCYTWTG Datasheet
675Kb / 23P
   TOPLED Black Surface
LAT68B OSRAM-LAT68B Datasheet
523Kb / 20P
   TOPLED Black Surface
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com