Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMZM33602 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMZM33602
Description  4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM33602 Datasheet(HTML) 3 Page - Texas Instruments

  LMZM33602 Datasheet HTML 1Page - Texas Instruments LMZM33602 Datasheet HTML 2Page - Texas Instruments LMZM33602 Datasheet HTML 3Page - Texas Instruments LMZM33602 Datasheet HTML 4Page - Texas Instruments LMZM33602 Datasheet HTML 5Page - Texas Instruments LMZM33602 Datasheet HTML 6Page - Texas Instruments LMZM33602 Datasheet HTML 7Page - Texas Instruments LMZM33602 Datasheet HTML 8Page - Texas Instruments LMZM33602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
AGND
EN/SYNC
RT
VIN
PGND
VOUT
VOUT
SW
SW
DNC
DNC
PGND
PGND
3
LMZM33602
www.ti.com
SNVSAO4 – DECEMBER 2017
Product Folder Links: LMZM33602
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RLR Package
18-Pin QFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
AGND
G
Analog ground. Zero voltage reference for internal references and logic. Do not connect this pin to
PGND; the connection is made internal to the device. See the Layout section of the datasheet for a
recommended layout.
2
EN/SYNC
I
EN - Enable input to regulator. High = On, Low = Off. Can be connected to VIN. Do not float. This
pin can be used to set the input under voltage lockout with two resistors. See the Programmable
Undervoltage Lockout (UVLO) section.
SYNC - The internal oscillator can be synchronized to an external clock via AC-coupling. See the
Synchronization (SYNC) section for details.
3
RT
I
An external timing resistor connected between this pin and AGND adjusts the switching frequency of
the device. If left open, the default switching frequency is 400 kHz.
4
VIN
I
Input supply voltage. Connect external input capacitors between this pin and PGND.
5, 14, 15, 18
PGND
G
Power ground. This is the return current path for the power stage of the device. Connect pin 5 to the
input source, the load, and to the bypass capacitors associated with VIN and VOUT using power
ground planes on the PCB. Pins 14 and 15 are not connected to PGND internal to the device
and must be connected to PGND at pad 18. Connect pad 18 to the power ground planes using
multiple vias for good thermal performance. See the Layout section of the datasheet for a
recommended layout.
6, 7, 8
VOUT
O
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the
output load and connect external bypass capacitors between these pins and PGND.
9, 10, 11
SW
O
Switch node. Connect these pins to a small copper island under the device for thermal relief. Do not
place any external component on these pins or tie them to a pin of another function.
12, 13
DNC
Do not connect. Each pin must be soldered to an isolated pad. These pins connect to internal
circuitry. Do not connect these pins to one another, AGND, PGND, or any other voltage.
16
FB
I
Feedback input. Connect the center point of the feedback resistor divider to this pin. Connect the
upper resistor (RFBT) of the feedback divider to VOUT at the desired point of regulation. Connect the
lower resistor (RFBB) of the feedback divider to AGND.
17
PGOOD
O
Open drain output for power-good flag. Use a 10-kΩ to 100-kΩ pullup resistor to logic rail or other
DC voltage no higher than 12 V.


Similar Part No. - LMZM33602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM33602 TI1-LMZM33602 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
More results

Similar Description - LMZM33602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
TPSM53602 TI1-TPSM53602 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53602 36-V Input, 2-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
TPSM53604 TI1-TPSM53604_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53604 36-V Input, 4-A Power Module in RLF QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
TPSM53603 TI1-TPSM53603 Datasheet
1Mb / 33P
[Old version datasheet]   TPSM53603 36-V Input, 3-A Power Module in RLF QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com