Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOMCT14011003BTF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NOMCT14011003BTF
Description  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NOMCT14011003BTF Datasheet(HTML) 2 Page - Vishay Siliconix

  NOMCT14011003BTF Datasheet HTML 1Page - Vishay Siliconix NOMCT14011003BTF Datasheet HTML 2Page - Vishay Siliconix NOMCT14011003BTF Datasheet HTML 3Page - Vishay Siliconix NOMCT14011003BTF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NOMC
www.vishay.com
Vishay Dale Thin Film
Revision: 25-Apr-17
2
Document Number: 60007
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Available upon request. Resistance value range and performance differs from passivated nichrome standard electrical specifications on
datasheet, consult factory
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated nichrome (standard)
Tantalum nitride (available upon request)
-
Pin/Lead Number
14, 16
-
Resistance Range
100
 to 50 k each resistor (bussed (01) schematic)
-
-
100
 to 100 k each resistor (isolated (03) schematic)
TCR: Absolute
± 25 ppm/°C (standard)
- 55 °C to + 125 °C
TCR: Tracking
± 5 ppm/°C (typical)
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.10 % to ± 1 %
+ 25 °C
Tolerance: Ratio
± 0.025 % to ± 0.1 %
+ 25 °C
Power Rating: Resistor
100 mW ((typical) (03) schematic)
Maximum at + 70 °C
50 mW ((01) schematic)
Power Rating: Package
400 mW/500 mW
Maximum at + 70 °C
Stability: Absolute
R ± 0.05 %
2000 h at + 70 °C
Stability: Ratio
R ± 0.015 %
2000 h at + 70 °C
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
 - 30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at + 25 °C
P x R
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
14
16
INCHES
MILLIMETERS
INCHES
MILLIMETERS
H
0.235
5.969
0.235
5.969
E
0.154
3.911
0.154
3.91
O
0.340
8.363
0.390
9.906
A
0.063
1.60
0.063
1.60
e
0.050
1.270
0.050
1.270
B
0.015
0.381
0.015
0.381
C
0.008
0.203
0.008
0.203
L
0.025
0.635
0.025
0.635
A1
0.006
0.152
0.006
0.152
h
0.015
0.381
0.015
0.381
h x 45°
A
1
A
C
L
e
B
Index Area
PIN 1 Locator
O
E
H
MECHANICAL SPECIFICATIONS
Resistive Element
Passivated nichrome
Substrate Material
Silicon
Body
Molded epoxy
Terminals
Copper alloy
Lead (Pb)-free Option
100 % matte tin
Tin Lead Option
Sn90
Tin Lead and Lead (Pb)-free Finish
Plated


Similar Part No. - NOMCT14011003BTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMCT14011003BTF VISHAY-NOMCT14011003BTF Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
More results

Similar Description - NOMCT14011003BTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
   Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
HTRN VISHAY-HTRN Datasheet
94Kb / 3P
   Molded, 50 mil Pitch, High Temperature (215 °C); Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com