Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358A Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV358A
Description  Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV358A_17 Datasheet HTML 3Page - Texas Instruments LMV358A_17 Datasheet HTML 4Page - Texas Instruments LMV358A_17 Datasheet HTML 5Page - Texas Instruments LMV358A_17 Datasheet HTML 6Page - Texas Instruments LMV358A_17 Datasheet HTML 7Page - Texas Instruments LMV358A_17 Datasheet HTML 8Page - Texas Instruments LMV358A_17 Datasheet HTML 9Page - Texas Instruments LMV358A_17 Datasheet HTML 10Page - Texas Instruments LMV358A_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Frequency (Hz)
-20
-10
0
10
20
30
40
50
60
70
80
100
1k
10k
100k
1M
D011
Gain = 1
Gain = 1
Gain = 10
Gain = 100
Gain = 1000
Output Voltage (V)
-3
-2
-1
0
1
2
3
0
20
40
60
80
100
120
140
160
D010
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
D008
VS = 5.5 V
VS = 2.5 V
Frequency (Hz)
-20
0
0
20
20
40
40
60
60
80
80
100
100
120
1k
10k
100k
1M
D009
Gain
Phase
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-10
-8
-6
-4
-2
0
2
4
6
D006
IB
IB+
IOS
Common-Mode Voltage (V)
-3
-2
-1
0
1
2
3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
D007
IB
IB+
IOS
7
LMV358A
www.ti.com
SBOS923 – DECEMBER 2017
Product Folder Links: LMV358A
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Figure 1. IB and IOS vs Temperature
Figure 2. IB and IOS vs Common-Mode Voltage
Figure 3. Open-Loop Gain vs Temperature
CL = 10 pF
Figure 4. Open-Loop Gain and Phase vs Frequency
Figure 5. Open-Loop Gain vs Output Voltage
CL = 10 pF
Figure 6. Closed-Loop Gain vs Frequency


Similar Part No. - LMV358A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358A-Q1 TI1-LMV358A-Q1 Datasheet
902Kb / 26P
[Old version datasheet]   LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358A-Q1 TI-LMV358A-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358A-Q1 TI-LMV358A-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
REVISED OCTOBER 2021
LMV358A-Q1 TI-LMV358A-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
FEBRUARY 2022
LMV358A-Q1 TI-LMV358A-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
REVISED OCTOBER 2021
More results

Similar Description - LMV358A_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
MC33502 ONSEMI-MC33502 Datasheet
329Kb / 15P
   LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER
1998 REV 0
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
AZV358 DIODES-AZV358 Datasheet
445Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com