Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC147S8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC147S8
Description  GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC147S8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4 - 40
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
4
Outline Drawing
Absolute Maximum Ratings
HMC147S8
0.016
(0.41)
MIN TYP
0.007/0.009
(0.18/0.25)
0.054/0.068
0.004/0.009
(0.10/0.23)
(1.37/1.73)
(1.27)
TYP
(0.36/0.46)
TYP
3 DEG/8 DEG
0.229/0.244
0.188/0.196
0.150/0.157
(3.81/4.00)
(5.82/6.20)
(4.78/4.98)
PIN 1
PIN 8
PIN 1 (REF)
DATE CODE
TYP
GND
GND
RF
LO
GND
GND
IF
0.050
0.014/0.018
OPEN
Schematic
RF
(PIN 7)
IF
(PIN 5)
LO
(PIN 2)
GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz
1.
MATERIAL:
A) PACKAGE BODY - LOW STRESS INJECTION-MOLDED PLASTIC,
SILICA & SILICONE IMPREGNATED.
B) LEADFRAME MATERIAL: COPPER ALLOY
2 . PLATING: LEAD-TIN SOLDER PLATE
3 . DIMENSIONS ARE IN INCHES (MILLIMETERS),
UNLESS OTHERWISE SPECIFIED TOL. ARE ±0.005 (±0.13)
LO Drive
+27 dBm
Storage Temperature
-65 to +150 deg C
Operating Temperature
-40 to +85 deg C
HMC147S8


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC329LM3GaAs MMIC DOUBLE-BALANCED SMT MIXER 26 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC340LP5GaAs MMIC SMT DOUBLE-BALANCED DUAL MIXER 1.7 - 4.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC216MS8GaAs MMIC SMT DOUBLE-BALANCED FET MIXER 1.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC292LM3CGaAs MMIC DOUBLE-BALANCED SMT MIXER 17 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC294GaAs MMIC DOUBLE-BALANCED MIXER 25 - 40 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC219MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 4.5 - 9 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC304MS8GaAs MMIC HIGH IP3 SINGLEBALANCED SMT MIXER 1.7 - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC264LC3BGaAs MMIC SUB-HARMONIC SMT MIXER 21 - 31 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC220MS8GaAs MMIC SMT DOUBLEBALANCED MIXER 5 - 12 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC272MS8GaAs MMIC SMT SINGLE BALANCED MIXER 1.7 - 3 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn