Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X5R1A107B020AA Datasheet(PDF) 3 Page - TDK Electronics

Part # C3216X5R1A107B020AA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X5R1A107B020AA Datasheet(HTML) 3 Page - TDK Electronics

  C3216X5R1A107B020AA Datasheet HTML 1Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 2Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 3Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 4Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 5Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 6Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 7Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 8Page - TDK Electronics C3216X5R1A107B020AA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
(3/56)
20170710 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
C series
General (Up to 50V)
Type: C0402 [01005 inch]
、C0603 [0201 inch]、C1005 [0402 inch]、C1608 [0603 inch]、C2012 [0805 inch]、
C3216 [1206 inch]
、C3225 [1210 inch]、C4532 [1812 inch]、C5750 [2220 inch]
■SERIES OVERVIEW
TDK multilayer ceramic chip capacitor C series is a product for surface mount which multiple sheets of dielectric and conductive material are lay-
ered alternately. The monolithic structure ensures superior mechanical strength and reliability.
Also the lower ESR, ESL and better frequency characteristics are offered by the simple structure than other capacitors.
The capacitance range is up to 100uF and the line-up has been expanding to the region of the film capacitor or electrolytic capacitor.
■FEATURES
• The superior mechanical strength and reliability due to the monolithic
structure.
• Low ESR, ESL and excellent frequency characteristics allow for a cir-
cuit design that closely conforms to theoretical values.
• Low self-heating and high ripple resistance due to low ESR.
•No polarity.
■APPLICATIONS
• General electronic equipment
•Mobile devices
• Servers, PCs, tablets
•Power supply circuit
■SHAPE & DIMENSIONS
Dimensional tolerances are typical values.
T
L
G
B
L
W
T
B
G
Body length
Body width
Body height
Terminal width
Terminal spacing
Dimensions in mm
Type
L
W
T
B
G
C0402
0.40±0.02
0.20±0.02
0.20±0.02
0.07 min.
0.14 min.
C0603
0.60±0.03
0.30±0.03
0.30±0.03
0.10 min.
0.20 min.
C1005
1.00±0.05
0.50±0.05
0.50±0.05
0.10 min.
0.30 min.
C1608
1.60±0.10
0.80±0.10
0.80±0.10
0.20 min.
0.30 min.
C2012
2.00±0.20
1.25±0.20
1.25±0.20
0.20 min.
0.50 min.
C3216
3.20±0.20
1.60±0.20
1.60±0.20
0.20 min.
1.00 min.
C3225
3.20±0.40
2.50±0.30
2.50±0.30
0.20 min.
C4532
4.50±0.40
3.20±0.40
3.20±0.40
0.20 min.
C5750
5.70±0.40
5.00±0.40
2.80±0.30
0.20 min.
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl


Similar Part No. - C3216X5R1A107B020AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A107M TDK-C3216X5R1A107M Datasheet
9Mb / 64P
   TDK MLCC PRODUCT LINE
C3216X5R1A107M TDK-C3216X5R1A107M Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
C3216X5R1A107M160AC TDK-C3216X5R1A107M160AC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C3216X5R1A107M160AC TDK-C3216X5R1A107M160AC Datasheet
1Mb / 57P
   MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, general (Up to 75V)
March 2023
C3216X5R1A107M160AC TDK-C3216X5R1A107M160AC_17 Datasheet
232Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X5R1A107B020AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com