Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6126 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6126
Description  75 Ohm SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6126 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6126_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6126_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6126_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Plotted and Other Data
Notes:
75 Ohm SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain PE6126
URL: https://www.pasternack.com/75-ohm-smc-male-non-shorting-cap-with-2.5-inch-chain-pe6126-p.aspx
PE6126 REV 1.3
Shorts and Caps Technical Data Sheet
PE6126
75 Ohm SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain


Similar Part No. - PE6126_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6126 PASTERNACK-PE6126 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for 75 Ohm SMC Male With 2.5 Inch Chain
More results

Similar Description - PE6126_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6123 PASTERNACK-PE6123_14 Datasheet
169Kb / 2P
   SMC Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6126 PASTERNACK-PE6126 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for 75 Ohm SMC Male With 2.5 Inch Chain
PE6125 PASTERNACK-PE6125_14 Datasheet
174Kb / 2P
   75 Ohm SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6123 PASTERNACK-PE6123 Datasheet
201Kb / 2P
   Non-Shorting Dust Cap for SMC Plug With 2.5 Inch Chain
PE6124 PASTERNACK-PE6124_14 Datasheet
175Kb / 2P
   SMC Jack Non-Shorting Dust Cap With 2.5 Inch Chain
PE6124 PASTERNACK-PE6124 Datasheet
207Kb / 2P
   Non-Shorting Dust Cap for SMC Jack With 2.5 Inch Chain
PE6121 PASTERNACK-PE6121_16 Datasheet
428Kb / 3P
   SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6121 PASTERNACK-PE6121 Datasheet
233Kb / 2P
   Non-Shorting Dust Cap for SMB Plug With 2.5 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
   SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6122 PASTERNACK-PE6122_16 Datasheet
428Kb / 3P
   SMB Jack Non-Shorting Dust Cap With 2.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com