Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54563P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M54563P
Description  8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M54563P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug. 1999
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54563P/FP
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION
M54563FP is an eight-circuit output-sourcing Darlington
transistor array. The circuits are made of PNP and NPN tran-
sistors. This semiconductor integrated circuit performs high-
current driving with extremely low input-current supply.
FEATURES
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Io(max) = –500mA)
With clamping diodes
Driving available with PMOS IC output of 6 ~ 16V or with TTL output
Wide operating temperature range (Ta = –20 to +75
°C)
Output current-sourcing type
APPLICATION
Drives of relays, printers, LEDs, fluorescent display tubes
and lamps, and interfaces between MOS-bipolar logic sys-
tems and relays, solenoids, or small motors
FUNCTION
The M54563P and M54563FP each have eight circuits,
which are made of input inverters and current-sourcing out-
puts. The outputs are made of PNP transistors and NPN
Darlington transistors. The PNP transistor base current is
constant. A clamping diode is provided between each output
and GND. VS and GND are used commonly among the eight
circuits.
The inputs have resistance of 3k
Ω, and voltage of up to 10V
is applicable. Output current is 500 mA maximum. Supply
voltage VS is 50V maximum.
The M54563FP is enclosed in a molded small flat package,
enabling space-saving design.
CIRCUIT DIAGRAM
1.5K
7.2K
3K
3K
20K
VS
GND
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
The eight circuits share the VS and GND.
1
IN1
IN2
IN3
IN4
IN5
IN6
IN7
GND
→O8
IN8
VS
GND
VS
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
1
NC
IN1
IN2
IN3
IN4
IN5
IN6
→O8
IN7
IN8
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
10
11
→O7
→O6
→O5
→O4
→O2
→O3
→O1
NC
NC : No connection
Package type 18P4G(P)
INPUT
OUTPUT
INPUT
OUTPUT
Package type 20P2N-A(FP)


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M54562P8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54581PS-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54585P8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54587P8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 Mitsubishi Electric Semiconductor
M54561P7-UNIT 300mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54526P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54522P8-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M54524P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor
M54525P7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn