Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD151005 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD151005
Description  Octal Inverter Buffers/Drivers With Open Drain High Voltage Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD151005 Datasheet(HTML) 3 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD151005
3
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Supply voltage
V
CC
0.5 to 7.0
V
Input voltage
V
IN
–0.5 to V
CC + 0.5
V
Input Current
I
IN
–10 to +0.1
mA
Output voltage
V
OUT
-0.5 to +30
V
Output Current
I
OUT
+100
mA/Unit
Power Dissipation
P
T
835 (FP), 1375 (DP)
mW
Storage Temperature Range
Tstg
–65 to +150
°C
Note:
1. The absolute maximum ratings are values which must not individually be exceeded, and
furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.5
5.0
5.5
V
Input Voltage
V
IN
0—
V
CC
V
Output Voltage
V
OUT
——24
V
Output Current
I
OL
0
48
100
mA
Operating Temperature
Topr
0
25
70
°C
Input Voltage
V
IH
0.7
× V
CC
——V
V
IL
0.3
× V
CC
V
Input Rise and Fall Time *1
t
r, t f
0
500
ns
Note:
1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn