Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD151005 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD151005
Description  Octal Inverter Buffers/Drivers With Open Drain High Voltage Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD151005 Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HD151005
Octal Inverter Buffers/Drivers With Open Drain High Voltage
Outputs
ADE-205-594 (Z)
1st. Edition
Dec. 2000
Description
The HD151005 features octal inverter buffers and drivers with open drain high voltage outputs with N
channel power MOSFET.
Features
• Wired connection available with open drain outputs
• Output voltage: 30 V Max
• Output current: 100 mA Max
• Ensures V
OL
0.4 V when the output current is 48 mA
• Low power dissipation: 10 µA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn