Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD151005 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD151005
Description  Octal Inverter Buffers/Drivers With Open Drain High Voltage Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD151005 Datasheet(HTML) 5 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD151005
5
Test Circuit
Pulse Generator
Z
= 50
out
Input
VCC
C
15 pF
L
VCC
Output
R
100
L
Note:
1.
C
L includes probe and jig capacitance.
Waveforms-1
A, B
OEA, OEB
10 %
90 %
tr
tf
90 %
0 V
5 V
10 %
tZL
tLZ
50 %
VCC
VOL
Output Y
50 %
50 %
50 %
90 %
10 %
10 %
90 %
tTHL
tTLH
Notes:
1.
t
r = 5 ns, tf = 5 ns
2.
Input waveforms: PRR = 1 MHz, duty cycle 50%


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn