Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD151005 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD151005
Description  Octal Inverter Buffers/Drivers With Open Drain High Voltage Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD151005 Datasheet(HTML) 4 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD151005
4
Electrical Characteristics (Ta = 0 to +70°C)
Item
Symbol
V
CC (V)
Min
Max
Unit
Conditions
Output voltage
V
OL1
4.5
0.2
V
I
OL = 24 mA, VI = VIH
V
OL2
4.5
0.4
V
I
OL = 48 mA, VI = VIH
V
OL3
4.5
0.8
V
I
OL = 100 mA, VI = VIH
Output Current
I
O
5.5
5
µAV
O = 30 V, VI = 0 V
I
O(off)
0—
5
µAV
O = 30 V
Input voltage
V
IH
5.0
3.5
V
V
O = 0.4 V, IO ≥ 48 mA
V
IL
5.0
1.5
V
V
O = 30 V, IO ≤ 5 mA
Input Current
I
I
5.5
±1
µAV
I = 0 V or VCC
I
I(off)
0—
±1
µAV
I = 5.5 V
Power Supply Currrent
I
CC
5.5
10
µAV
I = 0 V or VCC, No Load
Switching Characteristics (Ta = 25°C, V
CC = 5 V)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Propagation Delay Time
t
ZL
15
30
ns
See next page
t
LZ
20
30
ns
See next page
Transition Time
t
THL
10
30
ns
See next page
t
TLH
15
30
ns
See next page
Input Capacitance
C
IN
7
15
pF
See next page
Power Dissipation Capacitance C
PD
30
pF
See next page


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn