Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 37 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 37 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
37 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
Figure 10: 2-bit LUT1 or DFF1
Figure 11: 2-bit LUT2 or DFF2
DFF1
CLK
D
2-bit LUT1 OUT
IN0
IN1
To Connection Matrix
Input <15>
4-bits NVM
From Connection Matrix Output <5>
1-bit NVM
reg <1159:1156>
reg <1233>
From Connection Matrix Output <4>
Q/nQ
reg <1159> DFF or Latch Select
reg <1158> Output Select (Q or nQ)
reg <1157> DFF Initial Polarity Select
LUT Truth
Table
DFF/Latch
Registers
S0
S1
S0
S1
S0
S1
0: 2-bit LUT1 IN1
1: DFF1 Data
0: 2-bit LUT1 Out
1: DFF1 Out
0: 2-bit LUT1 IN0
1: DFF1 CLK
DFF2
CLK
D
2-bit LUT2 OUT
IN0
IN1
To Connection Matrix
Input <16>
4-bits NVM
From Connection Matrix Output <7>
1-bit NVM
reg <1163:1160>
reg <1234>
From Connection Matrix Output <6>
Q/nQ
reg <1163> DFF or Latch Select
reg <1162> Output Select (Q or nQ)
reg <1161> DFF Initial Polarity Select
LUT Truth
Table
DFF/Latch
Registers
S0
S1
S0
S1
S0
S1
0: 2-bit LUT2 IN1
1: DFF2 Data
0: 2-bit LUT2 Out
1: DFF2 Out
0: 2-bit LUT2 IN0
1: DFF2 CLK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn