Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 22 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
22 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
PROP
Propagation Delay,
Response Time
for ACMP0L, ACMP1L
Gain = 1,
VDD = 2.3 V to 5.5 V,
Vref = 32 mV to 2016 mV,
Overdrive = 5 mV
Low to High,
T = -40 °C to +85 °C
--
74.91
139.75
µS
High to Low,
T = -40 °C to +85 °C
--
72.28
213.26
µS
Gain = 1,
VDD = 2.3 V to 5.5 V,
Vref = 32 mV to 2016 mV,
Overdrive =10 mV
Low to High,
T = -40 °C to +85 °C
--
49.54
70.23
µS
High to Low,
T = -40 °C to +85 °C
--
46.92
68.44
µS
Gain = 1,
VDD = 2.3 V to 5.5 V,
Vref = 32 mV to 2016 mV,
Overdrive = 100 mV
Low to High,
T = -40 °C to +85 °C
--
18.41
29.06
µS
High to Low,
T = -40 °C to +85 °C
--
16.54
26.87
µS
G
Gain error (including
threshold and internal
Vref error),
T = -40 °C to +85 °C
G = 1,
VDD = 2.3 V to 5.5 V
--
1
--
G = 0.5,
VDD = 2.3 V to 5.5 V
0.497
--
0.504
G = 0.33,
VDD = 2.3 V to 5.5 V
0.330
--
0.337
G = 0.25,
VDD = 2.3 V to 5.5 V
0.247
--
0.253
Vref
Internal Vref error
VDD = 2.3 V to 5.5 V
Vref = 32 mV to 1504 mV
,
T = -40 °C to +85 °C,
Loading = 1 mA
--
±6
--
mV
Vref Output
Capacitance Loading
Resistance Load =
1

--
--
15
pF
Resistance Load =
560

--
--
27
pF
Resistance Load =
100 k
--
--
64
pF
Resistance Load =
10

--
--
120
pF
Resistance Load =
2

--
--
180
pF
Resistance Load =
1

Vref = 32 mV to
1024 mV
--
--
210
pF
Symbol
Parameter
Description/Note
Conditions
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn