Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 20 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 20 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 20 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
20 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
3.5.3 Oscillator2 25 MHz
3.3 V ±10 %
2.024
2.069
1.990
2.089
5 V ±10 %
2.026
2.072
1.994
2.092
2.5 V to 4.5 V
2.022
2.071
1.988
2.090
2.3 V to 5.5 V
2.021
2.072
1.987
2.092
Table 14: Oscillator1 2.048 MHz Frequency Error (Error Calculated Relative to Nominal Value)
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Error
(% at Minimum)
Error
(% at Maximum)
Error
(% at Minimum)
Error
(% at Maximum)
2.5 V ±8 %
-1.32 %
0.96 %
-2.98 %
1.93 %
3.3 V ±10 %
-1.14 %
1.01 %
-2.80 %
2.01 %
5 V ±10 %
-1.03 %
1.18 %
-2.61 %
2.13 %
2.5 V to 4.5 V
-1.27 %
1.09 %
-2.91 %
2.04 %
2.3 V to 5.5 V
-1.32 %
1.18 %
-2.98 %
2.13 %
Table 15: Oscillator2 25 MHz Frequency Limits
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Minimum Value,
MHz
Maximum Value,
MHz
Minimum Value,
MHz
Maximum Value,
MHz
2.5 V ±8 %
24.588
25.238
23.622
25.669
3.3 V ±10 %
24.668
25.261
23.678
25.732
5 V ±10 %
24.736
25.353
23.723
25.803
2.5 V to 4.5 V
24.620
25.288
23.656
25.769
2.3 V to 5.5 V
24.588
25.353
23.622
25.803
Table 16: Oscillator2 25 MHz Frequency Error (Error Calculated Relative to Nominal Value)
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Error
(% at Minimum)
Error
(% at Maximum)
Error
(% at Minimum)
Error
(% at Maximum)
2.5 V ±8 %
-1.65 %
0.96 %
-5.51 %
2.68 %
3.3 V ±10 %
-1.33 %
1.05 %
-5.29 %
2.93 %
5 V ±10 %
-1.06 %
1.42 %
-5.11 %
3.21 %
Table 13: Oscillator1 2.048 MHz Frequency Limits
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Minimum Value,
MHz
Maximum Value,
MHz
Minimum Value,
MHz
Maximum Value,
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn