Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 19 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 19 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
19 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
3.5 OSC CHARACTERISTICS
3.5.1 Oscillator0 2.048 kHz
3.5.2 Oscillator1 2.048 MHz
Power ON time
2.048 MHz
auto
0.3
0.4
0.4
s
Power ON time
2.048 kHz
auto
660
570
480
s
frequency settling time
25 MHz
auto
4
4
8
s
frequency settling time
2.048 MHz
auto
0.3
0.4
0.4
s
frequency settling time
2.048 kHz
auto
660
570
480
s
variable (CLK period)
25 MHz
forced
0-40
0-40
0-40
s
variable (CLK period)
2.048 MHz
forced
0-0.5
0-0.5
0-0.5
s
variable (CLK period)
2.048 kHz
forced
0-488
0-488
0-488
s
tpd (non-delayed edge)
25 MHz/
2.048 kHz
either
35
14
10
ns
Table 11: Oscillator0 2.048 kHz Frequency Limits
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Minimum Value, kHz Maximum Value, kHz Minimum Value, kHz Maximum Value, kHz
2.5 V ±8 %
2.026
2.071
1.907
2.088
3.3 V ±10 %
2.025
2.070
1.906
2.088
5 V ±10 %
2.025
2.071
1.905
2.087
2.5 V to 4.5 V
2.026
2.071
1.906
2.088
2.3 V to 5.5 V
2.025
2.071
1.905
2.088
Table 12: Oscillator0 2.048 kHz Frequency Error (Error Calculated Relative to Nominal Value)
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Error
(% at Minimum)
Error
(% at Maximum)
Error
(% at Minimum)
Error
(% at Maximum)
2.5 V ±8 %
-1.07 %
1.12 %
-6.91 %
1.95 %
3.3 V ±10 %
-1.09 %
1.09 %
-6.94 %
1.94 %
5 V ±10 %
-1.12 %
1.11 %
-6.96 %
1.92 %
2.5 V to 4.5 V
-1.09 %
1.10 %
-6.96 %
1.95 %
2.3 V to 5.5 V
-1.12 %
1.12 %
-6.96 %
1.95 %
Table 13: Oscillator1 2.048 MHz Frequency Limits
Power Supply Range
(VDD), V
Temperature Range
+25 °C
-40 °C to +85 °C
Minimum Value,
MHz
Maximum Value,
MHz
Minimum Value,
MHz
Maximum Value,
MHz
2.5 V ±8 %
2.021
2.068
1.987
2.088
Table 10: Typical Counter/Delay Offset Measurements
Parameter
OSC Freq
OSC Power
VDD = 2.5 V VDD = 3.3V VDD = 5.0V
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn