Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 17 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
17 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
3.4 TIMING CHARACTERISTICS
Table 6: Typical Current Estimated for Each Macrocell
Symbol
Parameter
Note
VDD = 2.5 V VDD = 3.3V VDD = 5.0V
Unit
I
Current
Chip Quiescent (I2C enable)
0.42
0.43
0.54
A
Vref
0.42
0.43
0.54
A
Vref (ACMPxL, 0.32mV)
4.22
4.29
4.59
A
Each additional ACMPL add
1.22
1.24
1.36
A
OSC2 25 MHz, predivide = 1
135.81
150.93
244.49
A
OSC2 25 MHz, predivide = 4
50.25
54.95
84.51
A
OSC2 25 MHz, predivide = 8
35.65
38.58
57.19
A
OSC1 2.048 MHz, predivide= 1
17.03
17.53
20.44
A
OSC1 2.048 MHz, predivide= 4
14.17
14.38
15.62
A
OSC1 2.048 MHz, predivide= 8
13.68
13.84
14.79
A
OSC0 2.048 kHz, predivide = 1
0.71
0.72
0.86
A
OSC0 2.048 kHz, predivide = 4
0.70
0.72
0.85
A
OSC0 2.048 kHz, predivide = 8
0.70
0.72
0.85
A
1x push-pull + 4 pF @ 25 kHz
0.4
5
16
A
1x push-pull + 4 pF @ 2 MHz
22
47
106
A
Table 7: Typical Delay Estimated for Each Macrocell at T = 25°C
Symbol Parameter
Note
VDD = 2.5 V
VDD = 3.3V
VDD = 5.0V
Unit
Rising Falling Rising Falling Rising Falling
tpd
Delay
Digital Input to PP 1X
262917191213
ns
tpd
Delay
Digital Input with Schmitt Trigger to
PP 1X
26
28
16
17
18
12
ns
tpd
Delay
Digital input to PMOS output
29
--
17
-
12
-
ns
tpd
Delay
Digital input to NMOS output
--
44
-
27
-
18
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 1
29
--
21
-
15
-
ns
tpd
Delay
Output enable from pin, OE Hi-Z to 0
--
28
20
-
14
-
ns
tpd
Delay
LUT2bit(LATCH)
19
18
14
13
10
9
ns
tpd
Delay
LATCH(LUT2bit)
19
18
14
13
10
9
ns
tpd
Delay
LUT3bit(LATCH)
21
20
18
15
13
10
ns
tpd
Delay
LATCH+nRESET(LUT3bit)
23
22
21
17
15
12
ns
tpd
Delay
CNT/DLY Logic
41
43
18
15
13
11
ns
tpd
Delay
P DLY1C
225
225
166
163
123
120
ns
tpd
Delay
P DLY2C
420
420
314
312
233
231
ns
tpd
Delay
P DLY3C
630
630
462
460
343
341
ns
tpd
Delay
P DLY4C
835
835
609
609
451
451
ns
tpd
Delay
Filter
120
120
78
78
53
53
ns
tpd
Delay
ACMP (5 mV overdrive, IN- = 600
mV)
2000
2000
2000
2000
2000
2000
ns
tw
width
IO with 1X push pull (min transmitted)
20
20
20
20
20
20
ns
tw
width
filter (min transmitted)
75
75
55
55
35
35
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn