Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 15 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 15 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 15 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
15 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
VOL
LOW-Level Output Voltage
NMOS OD, IOL = 100 A, 1X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
--
0.03
0.06
V
NMOS OD, IOL = 3 mA, 1X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
--
0.08
0.15
V
NMOS OD, IOL = 5 mA, 1X Drive,
VDD = 5 V +/- 10 % (Note 2)
--
0.10
0.18
V
NMOS OD, IOL= 100 A, 2X Drive,
VDD2 = 1.8 V +/- 5 %
--
0.003
0.010
V
NMOS OD, IOL = 100 A, 2X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
--
0.02
0.03
V
NMOS OD, IOL = 3 mA, 2X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
--
0.04
0.08
V
NMOS OD, IOL = 5 mA, 2X Drive,
VDD = 5 V +/- 10 % (Note 2)
--
0.05
0.11
V
IOH
HIGH-Level Output Current
Push-Pull, VOH = VDD2 - 0.2, 1X Drive,
VDD2 = 1.8 V +/- 5 %
1.03
1.70
--
mA
Push-Pull, VOH = VDD - 0.2, 1X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
1.07
1.70
--
mA
Push-Pull, VOH = 2.4 V, 1X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
6.05
12.08
--
mA
Push-Pull, VOH = 2.4 V, 1X Drive,
VDD = 5 V +/- 10 % (Note 2)
22.08
34.04
--
mA
Push-Pull, VOH = VDD2 - 0.2, 2X Drive,
VDD2 = 1.8 V +/- 5 %
2.03
3.41
--
mA
Push-Pull, VOH = VDD - 0.2, 2X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
2.22
3.41
--
mA
Push-Pull, VOH = 2.4 V, 2X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
11.54
24.16
--
mA
Push-Pull, VOH = 2.4 V, 2X Drive,
VDD = 5 V +/- 10 % (Note 2)
41.46
68.08
--
mA
IOL
LOW-Level Output Current
Push-Pull, VOL = 0.15 V, 1X Drive,
VDD2 = 1.8 V +/- 5 %
0.92
1.66
--
mA
Push-Pull, VOL = 0.15 V, 1X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
0.92
1.69
--
mA
Push-Pull, VOL = 0.4 V, 1X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
4.87
8.24
--
mA
Push-Pull, VOL = 0.4 V, 1X Drive,
VDD = 5 V +/- 10 % (Note 2)
7.21
11.58
--
mA
Push-Pull, VOL = 0.15 V, 2X Drive,
VDD2 = 1.8 V +/- 5 %
1.83
3.30
--
mA
Push-Pull, VOL = 0.15 V, 2X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
1.83
3.38
--
mA
Push-Pull, VOL = 0.4 V, 2X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
9.75
16.49
--
mA
Push-Pull, VOL = 0.4 V, 2X Drive,
VDD = 5 V +/- 10 % (Note 2)
13.83
23.16
--
mA
NMOS OD, VOL = 0.15 V, 1X Drive,
VDD2 = 1.8 V +/- 5 %
1.38
2.53
--
mA
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn