Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 14 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 14 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
14 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
VIL
LOW-Level Input Voltage
Logic Input (Note 3)
GND-
0.3
--
0.3x
VDD
(Note 2)
V
Logic Input with Schmitt Trigger
GND-
0.3
--
0.2x
VDD
(Note 2)
V
Low-Level Logic Input (Note 3)
GND-
0.3
--
0.5
V
VHYS
Schmitt Trigger Hysteresis
Voltage
VDD2 = 1.8 V +/- 5 %
0.1
0.4
0.7
V
VDD = 2.5 V +/- 8 % (Note 2)
0.4
0.6
0.8
V
VDD = 3.3 V +/- 10 % (Note 2)
0.5
0.7
0.9
V
VDD = 5 V +/- 10 % (Note 2)
0.7
1.0
1.2
V
VOH
HIGH-Level Output Voltage
Push-Pull, IOH = 100 A, 1X Drive,
VDD2 = 1.8 V +/- 5 %
1.68
1.79
--
V
Push-Pull, IOH = 100 A, 1X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
2.29
2.493
--
V
Push-Pull, IOH = 3 mA, 1X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
2.73
3.12
--
V
Push-Pull, IOH = 5 mA, 1X Drive,
VDD = 5 V +/- 10 % (Note 2)
4.19
4.78
--
V
Push-Pull, IOH = 100 A, 2X Drive,
VDD2 = 1.8 V +/- 5 % (Note 2)
1.70
1.79
--
V
Push-Pull, IOH = 100 A, 2X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
2.294
2.497
--
V
Push-Pull, IOH = 3 mA, 2X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
2.87
3.21
--
V
Push-Pull, IOH = 5 mA, 2X Drive,
VDD = 5 V +/- 10 % (Note 2)
4.32
4.89
--
V
VOL
LOW-Level Output Voltage
Push-Pull, IOL= 100 A, 1X Drive,
VDD2 = 1.8 V +/- 5 %
--
0.010
0.015
V
Push-Pull, IOL= 100 A, 1X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
--
0.06
0.13
V
Push-Pull, IOL = 3 mA,1X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
--
0.13
0.23
V
Push-Pull, IOL= 5 mA, 1X Drive,
VDD = 5 V +/- 10 % (Note 2)
--
0.16
0.27
V
Push-Pull, IOL= 100 A, 2X Drive,
VDD2 = 1.8 V +/- 5 %
--
0.007
0.010
V
Push-Pull, IOL = 100 A, 2X Drive,
VDD = 2.5 V +/- 8 % (Note 2)
--
0.03
0.06
V
Push-Pull, IOL= 3 mA, 2X Drive,
VDD = 3.3 V +/- 10 % (Note 2)
--
0.06
0.11
V
Push-Pull, IOL = 5 mA, 2X Drive,
VDD = 5 V +/- 10 % (Note 2)
--
0.08
0.14
V
NMOS OD, IOL= 100 A, 1X Drive,
VDD2 = 1.8 V +/- 5 %
--
0.007
0.010
V
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn