Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 13 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
13 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
3
Characteristics
3.1 ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, so functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specification are not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability.
3.2 RECOMMENDED OPERATING CONDITIONS
3.3 ELECTRICAL CHARACTERISTICS
Table 4: Electrical Characteristics at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted
Table 2: Absolute Maximum Ratings
Parameter
Min
Max
Unit
VHIGH to GND
-0.3
7
V
Voltage at Input Pin
-0.3
7
V
Current at Input Pin
-1.0
1.0
mA
Input leakage (Absolute Value)
--
1000
nA
Storage Temperature Range
-65
150
°C
Junction Temperature
--
150
°C
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1300
--
V
Moisture Sensitivity Level
1
Table 3: Recommended Operating Conditions
Parameter
Condition
Min
Max
Unit
Supply Voltage (VDD)2.3
5.5
V
Supply Voltage (VDD)
During NVM Write command
2.5
5.5
V
Supply Voltage 2 (VDD2)VDD2 ≤ VDD
1.71
5.5
V
Operating Temperature
-40
85
°C
Maximal Voltage Applied to any PIN in High
Impedance State
--
VDD+
0.3
(Note 2)
V
Capacitor Value at VDD
0.1
--
F
Analog Input Common Mode Range
Allowable Input Voltage at Analog
Pins
0VDD
V
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIH
HIGH-Level Input Voltage
Logic Input (Note 3)
0.7x
VDD
(Note 2)
--
VDD+
0.3
(Note 2)
V
Logic Input with Schmitt Trigger
0.8x
VDD
(Note 2)
--
VDD+
0.3
(Note 2)
V
Low-Level Logic Input (Note 3)
1.25
--
VDD+
0.3
(Note 2)
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn