Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 11 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
11 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
11
GND
GND
Ground
--
--
12
IO7
IO7
General Purpose
Output
--
Push-Pull (1x) (2x)
--
Open Drain NMOS
(1x) (2x)
--
--
13
IO8
IO8
General Purpose IO
with OE (Note 1)
Digital Input without Schmitt
Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
EXT_OSC2_IN
--
--
--
14
VDD2
VDD2
Power Supply
--
--
15
IO9
IO9
General Purpose IO
with OE (Note 1)
Digital Input without Schmitt
Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
VREF1_OUT
Voltage Reference 1
Output
--
Analog
I2C_EXPAND_3
--
--
--
16
IO10
IO10
General Purpose IO
with OE (Note 1)
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
EXT_OSC1_IN
--
--
--
17
IO11
IO11
General Purpose IO
with OE (Note 1)
Digital Input without Schmitt
Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
Slave
Address <0>
--
--
--
ACMP1L+
Analog Comparator 3
Positive Input
Analog
--
18
IO12
IO12
General Purpose IO
with OE (Note 1)
Digital Input without Schmitt
Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage
Digital Input
--
Slave
Address <1>
--
--
--
ACMP0L+
Analog Comparator 2
Positive Input
Analog
--
Pin No.
Pin
Name
Signal
Name
Function
Input
Options
Output
Options
STQFN
20L
TSSOP
20L


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn