Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 1 Page - Dialog Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
1 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
Applications
General Description
The SLG46824 provides a small, low power component for
commonly used mixed-signal functions. The user creates the
circuit design by programming the multiple time Non-Volatile
Memory (NVM) to configure the interconnect logic, the IOs
and the macrocells of the SLG46824. This highly versatile
device allows a wide variety of mixed-signal functions to be
designed within a very small, low power single integrated cir-
cuit.
Key Features
Two Low Power General Purpose Rail-to-Rail Analog
Comparators (ACMPxL)
One Voltage Reference (Vref)
One Vref Output
Eleven Combination Function Macrocells
Three Selectable DFF/Latch or 2-bit LUTs
One Selectable Programmable Pattern Generator or 2-
bit LUT
Six Selectable DFF/Latch or 3-bit LUTs
One Selectable Pipe Delay or Ripple Counter or 3-bit
LUT
Eight Multi-Function Macrocells
Seven Selectable DFF/Latch or 3-bit LUTs + 8-bit Delay/
Counters
One Selectable DFF/Latch or 4-bit LUT + 16-bit Delay/
Counter
Serial Communications
I2C Protocol Interface
Programmable Delay with Edge Detector Output
Deglitch Filter with Edge Detector
Three Oscillators (OSC)
2.048 kHz Oscillator
2.048 MHz Oscillator
25 MHz Oscillator
Power On Reset (POR)
In System Programmability
Multiple Time Programmable Memory
Wide Range Power Supply
2.5 V (±8 %) to 5 V (±10 %) VDD
1.8 V (±5 %) to 5 V (±10 %) VDD2 (VDD2 ≤ VDD)
Operating Temperature Range: -40°C to 85°C
RoHS Compliant / Halogen-Free
Two Packages Available
20-pin STQFN: 2 x 3 x 0.55 mm, 0.4 mm pitch
20-pin TSSOP: 6.5 x 6.4 x 1.2 mm, 0.65 mm pitch
Personal Computers and Servers
PC Peripherals
Consumer Electronics
Data Communications Equipment
Handheld and Portable Electronics
Smartphones and Fitness Bands
Notebook and Tablet PCs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn