Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 94 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 94 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 94 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
94 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
R/W* - Becomes read only if protection mode selection (lock bit) is set to 1.
R/W** - Readable/writable depend on the "Trim mode enable" bit. If “Trim mode enable” bit value = 1, then trim bits are enable.
If “Trim mode enable” bit value = 0, then trim bits are not writable.
W** - Pages that can be erased are defined by NVM write protection
It is possible to read some data from macrocells, such as counter current value, connection matrix, f(1) computation macrocell
stack and connection matrix virtual inputs. The I2C write will do not have any impact on data in case data comes from macrocell
output, except Connection Matrix Virtual Inputs. The silicon identification service bits allows identifying silicon family, its revision,
etc.
I2C Serial Reset
Command
(section 15.5.1)
R/W
R/W
R/W
R/W
R
W
W
R
-
-
C8b'1
Outputs Latching
During I2C Write
R/W
R/W
R/W
R/W
R
W
W
R
-
-
C8b'2
Connection Matrix
Virtual Inputs
(section 6.3)
R/W
R/W
R/W
R/W
R
W
W
R
-
-7A
Configuration Bits
for All Macrocells
(IOs, ACMPs,
Combination
Function
Macrocells, etc.)
R/W
W
R
-
-
-
W
R
-
-
Macrocells Inputs
Configuration
(Connection Matrix
Outputs)
R/W
W
R
-
-
-
W
R
-
-
00~47
Protection Mode
Selection
R/W
R/W
R
R
R
R
R/W
R
R
RE4
Macrocells Output
Values (Connection
Matrix Inputs,
section
R
R
R
R
R
-
-
R
-
R
74~79;7B
Counter Current
Value
R
R
R
R
R
-
-
R
-
R7C~7F
Silicon Identification
Service Bits
R
R
R
R
R
R
R
R
R
R
F9b'3~F9
b'2
I2C Control Code
R/W
R/W
R
R
R
R
R/W
R
R
R
CAb'3~CA
b'0
Page Erase byte
W**
W**
W**
W**
W**
W**
W**
W**
W**
W**
E3
R/W
Allow Read and Write Data
W
Allow Write Data Only
R
Allow Read Data Only
-
The Data is protected for Read and Write
Table 51: Read/Write Register Protection Options
Configurations
Protection Modes Configuration
Test
Mode
Register
Address
Unlock
Partly
Lock
Read
Partly
Lock
Write
Partly
Lock
Read/
Write
Partly
Lock
Read &
Lock
Write
Lock
Read &
Partly
Lock
Write
Lock
Read
Lock
Write
Lock
Read/
Write
RPR[1:0]
00
01
00
01
01
10
10
00
10
RPR[3:2]
00
00
01
01
10
01
00
10
10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn