Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46824 Datasheet(PDF) 85 Page - Dialog Semiconductor

Part # SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46824 Datasheet(HTML) 85 Page - Dialog Semiconductor

Back Button SLG46824 Datasheet HTML 81Page - Dialog Semiconductor SLG46824 Datasheet HTML 82Page - Dialog Semiconductor SLG46824 Datasheet HTML 83Page - Dialog Semiconductor SLG46824 Datasheet HTML 84Page - Dialog Semiconductor SLG46824 Datasheet HTML 85Page - Dialog Semiconductor SLG46824 Datasheet HTML 86Page - Dialog Semiconductor SLG46824 Datasheet HTML 87Page - Dialog Semiconductor SLG46824 Datasheet HTML 88Page - Dialog Semiconductor SLG46824 Datasheet HTML 89Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
85 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
14
Power On Reset (POR)
The SLG46824 has a power-on reset (POR) macrocell to ensure correct device initialization and operation of all macrocells in
the device. The purpose of the POR circuit is to have consistent behavior and predictable results when the VDD power is first
ramping to the device, and also while the VDD is falling during power-down. To accomplish this goal, the POR drives a defined
sequence of internal events that trigger changes to the states of different macrocells inside the device, and finally to the state of
the IOs.
14.1 GENERAL OPERATION
The SLG46824 is guaranteed to be powered down and non-operational when the VDD voltage (voltage on PIN1) is less than
Power Off Threshold (see in Table 4), but not less than -0.6 V. Another essential condition for the chip to be powered down is that
no voltage higher (Note 8) than the VDD voltage is applied to any other PIN. For example, if VDD voltage is 0.3 V, applying a
voltage higher than 0.3 V to any other PIN is incorrect, and can lead to incorrect or unexpected device behavior.
Note 8: There is a 0.6 V margin due to forward drop voltage of the ESD protection diodes.
To start the POR sequence in the SLG46824, the voltage applied on the VDD should be higher than the Power_ON threshold
(Note 9). The full operational VDD range for the SLG46824 is 2.3 V to 5.5 V. This means that the VDD voltage must ramp up to
the operational voltage value, but the POR sequence will start earlier, as soon as the VDD voltage rises to the Power_ON threshold.
After the POR sequence has started, the SLG46824 will have a typical period of time to go through all the steps in the sequence
(noted in the datasheet for that device), and will be ready and completely operational after the POR sequence is complete.
Note 9: The Power_ON threshold is defined in Table 4.
To power down the chip the VDD voltage should be lower than the operational and to guarantee that chip is powered down it
should be less than Power Off Threshold.
All PINs are in high impedance state when the chip is powered down and while the POR sequence is taking place. The last step
in the POR sequence releases the IO structures from the high impedance state, at which time the device is operational. The pin
configuration at this point in time is defined by the design programmed into the chip. Also as it was mentioned before the voltage
on PINs can’t be bigger than the VDD, this rule also applies to the case when the chip is powered on.


Similar Part No. - SLG46824

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46824 RENESAS-SLG46824 Datasheet
2Mb / 170P
   nullGreenPAK Programmable Mixed-Signal Matrix with In System Programmability
9-Aug-2022
SLG46824G RENESAS-SLG46824G Datasheet
2Mb / 170P
   nullGreenPAK Programmable Mixed-Signal Matrix with In System Programmability
9-Aug-2022
SLG46824GTR RENESAS-SLG46824GTR Datasheet
2Mb / 170P
   nullGreenPAK Programmable Mixed-Signal Matrix with In System Programmability
9-Aug-2022
SLG46824V RENESAS-SLG46824V Datasheet
2Mb / 170P
   nullGreenPAK Programmable Mixed-Signal Matrix with In System Programmability
9-Aug-2022
SLG46824VTR RENESAS-SLG46824VTR Datasheet
2Mb / 170P
   nullGreenPAK Programmable Mixed-Signal Matrix with In System Programmability
9-Aug-2022
More results

Similar Description - SLG46824

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46826 RENESAS-SLG46826 Datasheet
3Mb / 188P
   GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability
27-Feb-2023
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
   GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
   GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
   GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
   GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
   GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
logo
Dialog Semiconductor
SLG46533 DIALOG-SLG46533 Datasheet
1Mb / 185P
   GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
   GreenPAK Programmable Mixed-Signal Matrix
SLG46855 DIALOG-SLG46855 Datasheet
1Mb / 200P
   GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46811 RENESAS-SLG46811 Datasheet
2Mb / 172P
   GreenPAK Programmable Mixed-Signal Matrix
27-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com