Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 82 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 82 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 82 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
82 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
13.3 OSCILLATOR1 (2.048 MHZ)
Figure 54: Oscillator1 Block Diagram
OSC1
(2.048 MHz)
Ext. CLK Sel reg <1026>
/ 2
/ 3
/ 4
/ 8
/ 12
/ 24
/ 64
0
1
2
3
4
5
6
7
To Connection Matrix
Input <30>
reg <1031:1029>
DIV /1 /2 /4 /8
reg <1028:1027>
Predivider
Second Stage
Divider
0
1
From Connection Matrix
Output <59>
PWR DOWN/
FORCE ON
Auto Power On
0
1
Force Power On
OSC Power Mode
reg <1024>
2.048 MHz Pre-divided Clock
Ext. Clock
OUT
PWR DWN/Force ON
Matrix Output control reg<1025>
To Connection Matrix
Input <60>
reg <1058:1056>
OUT1
OUT0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn