Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SLG46824 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 8 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
8 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
2
Pinout
2.1 PIN CONFIGURATION - STQFN- 20L
Pin # Signal Name Pin Functions
1VDD
Power Supply
2
IO0
GPIO
3
IO1
GPIO or VREF IN
4
IO2
GPIO, SLA<0>
5
IO3
GPIO, SLA<1>
6
IO4
GPIO, SLA<2>
7
IO5
GPIO, SLA<3>
8SCL
I2C_SCL
9
SDA
I2C_SDA
10
IO6
GPIO
11
GND
Ground
12
IO7
GPIO
13
IO8
GPIO
14
VDD2
Power Supply
15
IO9
GPIO or VREF_OUT1
16
IO10
GPIO
17
IO11
GPIO or ACMP1L_IN
18
IO12
GPIO or ACMP0L_IN
19
IO13
GPIO
20
IO14
GPIO
OE: Output Enable
ACMPx+: ACMPx Positive Input
ACMPx-: ACMPx Negative Input
SCL: I2C Clock Input
SDA: I2C Data Input/Output
VREFx: Voltage Reference Output
EXT_CLKx: External Clock Input
SLA: Slave Address
Legend:
VDD2
IO9
IO10
IO2
IO1
2
3
4
14
15
16
IO0
VDD
1
IO4
IO3
5
6
IO7
IO8
12
13
GND
11
8
9
10
18
19
20
STQFN-20
17
7
(Top View)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn