Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 76 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 76 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 76 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
76 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
10
Programmable Delay / Edge Detector
The SLG46824 has a programmable time delay logic cell available that can generate a delay that is selectable from one of four
timings (time 2) configured in the GreenPAK Designer. The programmable time delay cell can generate one of four different delay
patterns, rising edge detection, falling edge detection, both edge detection and both edge delay. These four patterns can be further
modified with the addition of delayed edge detection, which adds an extra unit of delay as well as glitch rejection during the delay
period. See Figure 50 for further information.
Note 6: The input signal must be longer than the delay, otherwise it will be filtered out.
10.1 PROGRAMMABLE DELAY TIMING DIAGRAM - EDGE DETECTOR OUTPUT
Please refer to Table 8.
Figure 49: Programmable Delay
Figure 50: Edge Detector Output
Programmable
Delay
OUT
IN
reg <1262:1261>
From Connection Matrix Output <56>
To Connection
Matrix Input <28>
reg <1260:1259>
Edge Mode Selection
Delay Value Selection
time1
Edge Detector
Output
IN
Rising Edge Detector
Falling Edge Detector
Both Edge Detector
Both Edge Delay
time1
time1 is a fixed value
time2 delay value is selected via register
time2
time2
width
width


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn