Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 65 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 65 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 65 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
65 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
8.2.3 One-Shot Mode CNT/DLY0 to CNT/DLY7
This macrocell will generate a pulse whenever a selected edge is detected on its input. Register bits set the edge selection. The
pulse width determines by counter data and clock selection properties.
The output pulse polarity (non-inverted or inverted) is selected by register bit. Any incoming edges will be ignored during the pulse
width generation. The following diagram shows one-shot function for non-inverted output.
This macrocell generates a high level pulse with a set width (defined by counter data) when detecting the respective edge. It does
not restart while pulse is high.
8.2.4 Frequency Detection Mode CNT/DLY0 to CNT/DLY7
Rising Edge: The output goes high if the time between two successive edges is less than the delay. The output goes low if the
second rising edge has not come after the last rising edge in specified time.
Falling Edge: The output goes high if the time between two falling edges is less than the set time. The output goes low if the
second falling edge has not come after the last falling edge in specified time.
Both Edge: The output goes high if the time between the rising and falling edges is less than the set time, which is equivalent to
the length of the pulse. The output goes low if after the last rising/falling edge and specified time, the second edge has not come.
Figure 37: One-Shot Function Timing Diagram
One-Shot/Freq. DET/Delay IN
One-Shot Function
Rising Edge Detection
One-Shot Function
Falling Edge Detection
One-Shot Function
Both Edge Detection
t
t
t
t
Delay time
Delay time
Delay time
Delay time
Delay time
Delay time


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn