Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 63 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 63 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 63 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
63 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
Each Macrocell, when programmed for a LUT function, uses a 8-bit register to define their output function:
3-Bit LUT7 is defined by reg<1351:1344>
3-Bit LUT8 is defined by reg<1383:1376>
3-Bit LUT9 is defined by reg<1423:1416>
3-Bit LUT10 is defined by reg<1455:1448>
3-Bit LUT11 is defined by reg<1495:1488>
3-Bit LUT12 is defined by reg<1527:1520>
3-Bit LUT13 is defined by reg<1567:1560>
8.2 CNT/DLY/FSM TIMING DIAGRAMS
8.2.1 Delay Mode (edge select: both, counter data: 3) CNT/DLY0 to CNT/DLY7
Figure 34: Delay Mode Timing Diagram
Delay In
OSC: force power on
(always running)
Delay Output
Asynchronous delay variable
Asynchronous delay variable
delay = period x (counter data + 1) + variable
variable is from 0 to 1 clock period
delay = period x (counter data + 1) + variable
variable is from 0 to 1 clock period
Delay In
OSC: auto power on
(powers up from delay in)
Delay Output
offset
offset
delay = offset + period x (counter data + 1)
See offset in table 3
delay = offset + period x (counter data + 1)
See offset in table 3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn