Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 61 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 61 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 61 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
61 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
As shown in Figures 24-30 there is a possibility to use LUT/DFF and CNT/DLY simultaneously.
Note 5: It is not possible to use LUT and DFF at once, one of these macrocells must be selected.
Case 1. LUT/DFF in front of CNT/DLY. Three input signals from the connection matrix go to previously selected LUT or DFF's
inputs and produce a single output which goes to a CND/DLY input. In its turn Counter / Delay's output goes back to the matrix.
Case 2. CNT/DLY in front of LUT/DFF. Two input signals from the connection matrix go to CND/DLY's inputs (in and CLK).
Its output signal can be connected to any input of previously selected LUT or DFF, after which the signal goes back to the matrix.
Case 3. Single LUT/DFF or CNT/DLY. Also, it is possible to use a standalone LUT/DFF or CNT/DLY. In this case, all inputs
and output of the macrocell are connected to the matrix.
Figure 33: 8-bit Multi-Function Macrocells Block Diagram (3-bit LUT13/DFF16, CNT/DLY7)
CNT/DLY7 OUT
ext_CLK
DLY_in/CNT_Reset
3-bit LUT13
OUT
IN0
IN1
8-bits NVM
IN2
reg <1567:1560>
From Connection
Matrix Output <54>
To Connection
Matrix Input <38>
LUT Truth
Table
CNT
Data
S0
S1
Config
Data
reg <1577:1568>, reg <1557>
DFF16
CLK
D
Q/nQ
DFF
Registers
From Connection
Matrix Output <53>
S0
S1
From Connection
Matrix Output <52>
S0
S1
S0
S1
S0
S1
S2
S3
reg <1591:1584>
nRST/nSET
To Connection
Matrix Input <46>
S0
S1
S0
S1
S0
S1
0
S0
S1
S2
S3
0
LUT/DFF Sel
reg <1555:1552>
reg <1556>
Mode Sel
reg <1567> DFF or Latch Select
reg <1566> Output Select (Q or nQ)
reg <1565> (nRST or nSET) from
matrix Output
reg <1564> DFF Initial Polarity Select


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn