Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLG46824 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part No. SLG46824
Description  GreenPAK Programmable Mixed Signal Matrix with In System
Download  152 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIALOG [Dialog Semiconductor]
Homepage  http://www.dialog-semiconductor.com/
Logo 

SLG46824 Datasheet(HTML) 40 Page - Dialog Semiconductor

Zoom Inzoom in Zoom Outzoom out
 40 / 152 page
background image
Datasheet
31-Jan-2018
CFR0011-120-01
Revision 2.3
40 of 152
© 2018 Dialog Semiconductor
SLG46824
GreenPAK Programmable Mixed Signal Matrix with In System
Programmability
PRELIMINARY
7.2 2-bit LUT or Programmable Pattern Generator
The SLG46824 has one combination function macrocell that can serve as a logic or timing function. This macrocell can serve as
a Look Up Table (LUT), or Programmable Pattern Generator (PGEN).
When used to implement LUT functions, the 2-bit LUT takes in two input signals from the connection matrix and produces a single
output, which goes back into the connection matrix. When used as a LUT to implement combinatorial logic functions, the outputs
of the LUT can be configured to any user defined function, including the following standard digital logic devices (AND, NAND,
OR, NOR, XOR, XNOR). The user can also define the combinatorial relationship between inputs and outputs to be any selectable
function.
When operating as a Programmable Pattern Generator, the output of the macrocell with clock out a sequence of two to sixteen
bits that are user selectable in their bit values, and user selectable in the number of bits (up to sixteen) that are output before the
pattern repeats.
Figure 13: 2-bit LUT3 or PGEN
PGEN
OUT
CLK
nRST
2-bit LUT3 OUT
To Connection Matrix Input <17>
From Connection Matrix Output <2>
reg <1167:1164>
reg <1235>
From Connection Matrix Output <3>
In0
In1
reg <1183:1168>
LUT Truth
Table
Pattern
size
PGEN
Data
0: 2-bit LUT3 OUT
1: PGEN OUT
S0
S1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn