Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRF1020C Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # FRF1020C
Description  10.0 Ampere Insulated Dual Doubler Polarity Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FRF1020C Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  FRF1020C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FRF1020C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 2/2
Rev.08T
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.1
1.0
10
0.01
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125oC
TJ=25oC
TJ = 25oC
f = 1.0 MHZ
Vsig = 50mVp-p
FRF1020D
FRF1060D
FRF1040D
10.0
6.0
4.0
2.0
8.0
0
0
50
100
150
60 Hz Resistive or
Inductive load
FRF1020D thru FRF1060D


Similar Part No. - FRF1020C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FRF1020C THINKISEMI-FRF1020C Datasheet
284Kb / 2P
   10.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
FRF1020C THINKISEMI-FRF1020C Datasheet
285Kb / 2P
   10.0 Ampere Insulated Dual Common Anode Fast Recovery Rectifiers
More results

Similar Description - FRF1020C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MURF1020CD THINKISEMI-MURF1020CD Datasheet
283Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
SFF10L04GD THINKISEMI-SFF10L04GD Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
URF1020D THINKISEMI-URF1020D Datasheet
287Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR1020FCR THINKISEMI-MUR1020FCR Datasheet
281Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURF1020D-CT THINKISEMI-MURF1020D-CT Datasheet
637Kb / 2P
   10.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
MURF1080CTD THINKISEMI-MURF1080CTD Datasheet
362Kb / 2P
   10.0 Ampere Insulated Doubler Polarity Ultra Fast Recovery Rectifiers
SFF1001GD THINKISEMI-SFF1001GD Datasheet
641Kb / 2P
   10.0 Ampere Insulated Doubler Polarity Super Fast Recovery Rectifiers
F10C20D THINKISEMI-F10C20D Datasheet
283Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
MUR1020CTD THINKISEMI-MUR1020CTD Datasheet
291Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
MUR1020DT THINKISEMI-MUR1020DT Datasheet
293Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com