Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRR-M18PA-NMS-603 Datasheet(PDF) 1 Page - Contrinex AG Industrial Electronics

Part # LRR-M18PA-NMS-603
Description  PHOTOELECTRIC SENSOR REFLEX
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTRINEX [Contrinex AG Industrial Electronics]
Direct Link  https://www.contrinex.com/
Logo CONTRINEX - Contrinex AG Industrial Electronics

LRR-M18PA-NMS-603 Datasheet(HTML) 1 Page - Contrinex AG Industrial Electronics

  LRR-M18PA-NMS-603 Datasheet HTML 1Page - Contrinex AG Industrial Electronics LRR-M18PA-NMS-603 Datasheet HTML 2Page - Contrinex AG Industrial Electronics LRR-M18PA-NMS-603 Datasheet HTML 3Page - Contrinex AG Industrial Electronics LRR-M18PA-NMS-603 Datasheet HTML 4Page - Contrinex AG Industrial Electronics LRR-M18PA-NMS-603 Datasheet HTML 5Page - Contrinex AG Industrial Electronics LRR-M18PA-NMS-603 Datasheet HTML 6Page - Contrinex AG Industrial Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOTOELECTRIC SENSOR
REFLEX
CONTRINEX AG Industrial Electronics
route du Pâqui 5 - P.O. Box - CH 1720 Corminboeuf - Switzerland - Tel: +41 26 460 46 46 -
Fax: +41 26 460 46 40 - Internet: www.contrinex.com - E-mail: info@contrinex.com
7’000 mm
1
Reference reflector LXR-0000-084
OPTICAL DATA
INTERFACE
Sensing range typ. max.
20...7’000 mm1
Sensitivity adjustment
2’500...7’000 mm, IO-Link
Operating range
30...5’500 mm1
Indicator LED, green
Excess gain
Light source
LED, red 630 nm
Indicator LED, yellow
Sensing state
Light spot size (distance)
Ø 21 mm (1 m)/Ø 110 mm (6 m)
IO-Link
ü
Polarizing filter
ü
LRR-M18PA-NM
ü
M18 short housing
ü
IO-Link
ü
Sensitivity adjustment via
IO-Link
ü
Polarizing filter
ü
Calibrated range
ü
Immunity to mutual
interferences
ELECTRICAL DATA
MECHANICAL DATA
Supply voltage range (Ub)
10...30 VDC
Enclosure rating
IP67
Residual ripple
≤ 10% Vpp
Ambient temperature operation
-25...+65°C
Output current
≤ 200 mA
Shock and vibration
IEC 60947-5-2
Signal PNP high/low
≤ (Ub-2.0 V)/approx. 0 V
Weight (connector version)
6 g
Signal NPN high/low
Approx. Ub/≤ 2.0 V
Weight (cable version)
71 g
Power consumption (no load)
≤ 15 mA
Housing material
ABS
Response time1
≤ 340 ms (normal)/≤ 1 ms/≤ 115 ms
Window material
PMMA
Switching frequency1
≤ 1.5 kHz (normal)/≤ 500 Hz/≤ 4.5 kHz Connection cable
PVC, 2 m, 3-wire or 4-wire
Short circuit protection
ü
Connector type
M12 4-pin
Voltage reversal protection
ü
1
By default, “Normal” mode. “Fine” and “Fast” modes selectable via IO-Link.
A: emitter axis B: receiver axis
A: emitter axis B: receiver axis


Similar Part No. - LRR-M18PA-NMS-603

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
LRR-M18PA-NMS-404 CONTRINEX-LRR-M18PA-NMS-404 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
More results

Similar Description - LRR-M18PA-NMS-603

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-404 CONTRINEX-LRR-M18PA-NMS-404 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C23PA-NMS-404 CONTRINEX-LRR-C23PA-NMS-404 Datasheet
525Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C23PA-NMK-603 CONTRINEX-LRR-C23PA-NMK-603 Datasheet
525Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C12PA-NMV-302 CONTRINEX-LRR-C12PA-NMV-302 Datasheet
260Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C23PA-NMK-10B CONTRINEX-LRR-C23PA-NMK-10B Datasheet
525Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C12PA-NMK-302 CONTRINEX-LRR-C12PA-NMK-302 Datasheet
260Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C23PA-NMS-10B CONTRINEX-LRR-C23PA-NMS-10B Datasheet
525Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C23PA-NMK-101 CONTRINEX-LRR-C23PA-NMK-101 Datasheet
525Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C23PA-NMS-101 CONTRINEX-LRR-C23PA-NMS-101 Datasheet
525Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
LRR-C12PA-NMV-304 CONTRINEX-LRR-C12PA-NMV-304 Datasheet
260Kb / 6P
   PHOTOELECTRIC SENSOR REFLEX
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com