Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS164MS Datasheet(PDF) 6 Page - Intersil Corporation

Part # HCTS164MS
Description  Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS164MS Datasheet(HTML) 6 Page - Intersil Corporation

  HCTS164MS Datasheet HTML 1Page - Intersil Corporation HCTS164MS Datasheet HTML 2Page - Intersil Corporation HCTS164MS Datasheet HTML 3Page - Intersil Corporation HCTS164MS Datasheet HTML 4Page - Intersil Corporation HCTS164MS Datasheet HTML 5Page - Intersil Corporation HCTS164MS Datasheet HTML 6Page - Intersil Corporation HCTS164MS Datasheet HTML 7Page - Intersil Corporation HCTS164MS Datasheet HTML 8Page - Intersil Corporation HCTS164MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
235
Specifications HCS164MS1
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE
GROUPS
METHOD
TEST
READ AND RECORD
PRE RAD
POST RAD
PRE RAD
POST RAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4 (Note 1)
NOTE:
1. Except FN test which will be performed 100% Go/No-Go.
TABLE 8. STATIC AND DYNAMIC BURN-IN TEST CONNECTIONS
OPEN
GROUND
1/2 VCC = 3V
± 0.5V
VCC = 6V
± 0.5V
OSCILLATOR
50kHz
25kHz
STATIC BURN-IN I TEST CONNECTIONS (Note 1)
3 - 6, 10 - 13
1, 2, 7 - 9
-
14
-
-
STATIC BURN-IN II TEST CONNECTIONS (Note 1)
3 - 6, 10 - 13
7
-
1, 2, 8, 9, 14
-
-
DYNAMIC BURN-IN TEST CONNECTIONS (Note 2)
-
7
3 - 6, 10 - 13
9, 14
8
1, 2
NOTES:
1. Each pin except VCC and GND will have a resistor of 10K
Ω± 5% for static burn-in
2. Each pin except VCC and GND will have a resistor of 1K
Ω± 5% for dynamic burn-in
TABLE 9. IRRADIATION TEST CONNECTIONS
OPEN
GROUND
VCC = 5V
± 0.5V
3 - 6, 10 - 13
7
1, 2, 8, 9, 14
NOTE: Each pin except VCC and GND will have a resistor of 47K
Ω± 5% for irradiation testing.
Group E, Subgroup 2, sample size is 4 dice/wafer 0 failures.
Spec Number
518756


Similar Part No. - HCTS164MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS Datasheet
271Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
logo
Renesas Technology Corp
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
More results

Similar Description - HCTS164MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS164MS RENESAS-HCS164MS Datasheet
431Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
logo
Intersil Corporation
HCS164MS INTERSIL-HCS164MS Datasheet
221Kb / 9P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Register
September 1995
logo
Renesas Technology Corp
HCTS164MS RENESAS-HCTS164MS Datasheet
442Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
August 1995
logo
Intersil Corporation
HCTS164MS INTERSIL-HCTS164MS_02 Datasheet
271Kb / 8P
   Radiation Hardened 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Intersil Corporation
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Renesas Technology Corp
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Fairchild Semiconductor
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
   8-Bit Serial In/Parallel Out Shift Register
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
   8-Bit Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74LV164A8 HITACHI-HD74LV164A8 Datasheet
68Kb / 16P
   8-bit Parallel-out Serial-in Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com