Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46537 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLG46537
Description  Logic & Mixed Signal Circuits
Download  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46537 Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLG46537 Datasheet HTML 1Page - Dialog Semiconductor SLG46537 Datasheet HTML 2Page - Dialog Semiconductor SLG46537 Datasheet HTML 3Page - Dialog Semiconductor SLG46537 Datasheet HTML 4Page - Dialog Semiconductor SLG46537 Datasheet HTML 5Page - Dialog Semiconductor SLG46537 Datasheet HTML 6Page - Dialog Semiconductor SLG46537 Datasheet HTML 7Page - Dialog Semiconductor SLG46537 Datasheet HTML 8Page - Dialog Semiconductor SLG46537 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 193 page
background image
SLG46537_DS_108
Page 4 of 192
SLG46537
14
12
IO11
IO11
General Purpose I/O
with OE*
Digital Input without Schmitt Trig-
ger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP2-
Analog Comparator 2
Negative Input
Analog
--
ACMP3-
Analog Comparator 3
Negative Input
Analog
--
15
22
IO12
IO12
General Purpose I/O
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
Open Drain PMOS
(1x) (2x)
ACMP3+
Analog Comparator 3
Positive Input
Analog
--
16
13
IO13
IO13
General Purpose I/O
with OE*
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
--
ACMP3+
Analog Comparator 3
Positive Input
Analog
--
XTAL0
External Crystal
Connection 0
--
Analog
17
14
IO14
IO14
General Purpose I/O
Digital Input without
Schmitt Trigger
Push-Pull (1x) (2x)
Digital Input
with Schmitt Trigger
Open Drain NMOS
(1x) (2x)
Low Voltage Digital Input
Open Drain PMOS
(1x) (2x)
XTAL1
External Crystal
Connection 1
Analog
--
EXT_CLK0
External Clock
Connection 0
Digital Input without
Schmitt Trigger
--
Digital Input
with Schmitt Trigger
--
Low Voltage Digital Input
--
STQFN
20L Pin #
MSTQFN
22L Pin#
Pin
Name
Signal
Name
Function
Input
Options
Output
Options


Similar Part No. - SLG46537

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46537 RENESAS-SLG46537 Datasheet
3Mb / 197P
   GreenPAK Programmable Mixed-signal Matrix with Asynchronous State Machine
March 3, 2023
More results

Similar Description - SLG46537

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46538 DIALOG-SLG46538 Datasheet
1Mb / 205P
   Logic & Mixed Signal Circuits
SLG46721 DIALOG-SLG46721 Datasheet
649Kb / 101P
   Logic & Mixed Signal Circuits
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FG47X TI-MSP430FG47X Datasheet
1Mb / 91P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430G2X31_1108 TI-MSP430G2X31_1108 Datasheet
1Mb / 55P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F241X TI1-MSP430F241X_11 Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MARCH2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com