Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4964V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG7NT4964V
Description  Low Power Consumption
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4964V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG7NT4964V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4964V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4964V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4964V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4964V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4964V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4964V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4964V Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SLG7NT4964
DDR_RAIL SEQUENCING
SLG7NT4964_DS_r101
SLG7NT4964_GP_r002
Revised March 08, 2016
Rev 1.01
Silego Technology, Inc.
General Description
Features
• Low Power Consumption
• Pb-Free / RoHS Compliant
• Halogen-Free
• STQFN-12 Package
Output Summary
• 4 Outputs — Push Pull 1X
Pin Configuration
1
2
3
4
5
6
12 11
STQFN-12
TOP VIEW
7
8
9
10
VDD
V5S_PWRGD
VDDQ
VTT_EN
GND
VDDQ_BLEED
VDDQ_EN
VDDQ_PWRGD
Silego SLG7NT4964 is a low power and small
form device. The SoC is housed in a 1.6 x 1.6 mm
STQFN package which is optimal for using with
small devices.


Similar Part No. - SLG7NT4964V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4964V RENESAS-SLG7NT4964V Datasheet
350Kb / 8P
   DDR_RAIL SEQUENCING
February 25, 2022
SLG7NT4964VTR RENESAS-SLG7NT4964VTR Datasheet
350Kb / 8P
   DDR_RAIL SEQUENCING
February 25, 2022
More results

Similar Description - SLG7NT4964V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com