Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4805VTR Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG7NT4805VTR
Description  DPWROK and RSMRST_N Logic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4805VTR Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG7NT4805VTR Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4805VTR Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4805VTR Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4805VTR Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4805VTR Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4805VTR Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4805VTR Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4805VTR Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
3
DPWROK and RSMRST_N Logic
SLG7NT4805_DS_r101
SLG7NT4805
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
125
°C
Junction temperature
--
150
°C
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1300
--
V
Moisture Sensitivity Level
1
Electrical Characteristics
(@ 25°C, unless otherwise stated)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.5
5
5.5
V
TA
Operating Temperature
-40
25
85
°C
IQ
Quiescent Current
Static inputs and outputs
--
85
--
µA
VO
Maximal Voltage Applied to
any PIN in High-Impedance
State
--
--
VDD
V
IO
Maximal Average or DC
Current
(note 1)
Per Each Chip Side
(PIN2-PIN10, PIN12-PIN20)
--
--
90
mA
VIH
HIGH-Level Input Voltage
Logic Input, at VDD=5.0V
2.64
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input, at VDD=5.0V
--
--
1.84
V
IIH
HIGH-Level Input Current
Logic Input PINs; VIN = VDD
-1.0
--
1.0
µA
IIL
LOW-Level Input Current
Logic Input PINs; VIN = 0V
-1.0
--
1.0
µA
VOL
LOW-Level Output Voltage
Open Drain,
IOL = 5mA, 1X Driver, at VDD=5.0 V
--
0.102
0.180
V
IOL
LOW-Level Output Current
Open Drain,
VOL =0.4V, 1X Driver, at VDD=5.0 V
10.82
17.38
--
mA
VACMP0
Analog Comparator
Threshold Voltage
ACMP0 threshold including input offset,
reference voltage variation and
hysteresis, at temperature 25°C.
936
--
964
mV
ACMP0 threshold including input offset,
reference voltage variation and
hysteresis, at temperature -40°C +85°C
(note 1)
895
--
985
VACMP1
Analog Comparator
Threshold Voltage
ACMP1 threshold including input offset,
reference voltage variation and
hysteresis, at temperature 25°C.
936
--
964
mV
ACMP1 threshold including input offset,
reference voltage variation and
hysteresis, at temperature -40°C +85°C
(note 1)
895
--
985


Similar Part No. - SLG7NT4805VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4805VTR RENESAS-SLG7NT4805VTR Datasheet
375Kb / 8P
   DPWROK and RSMRST_N Logic
February 25, 2022
More results

Similar Description - SLG7NT4805VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4805V RENESAS-SLG7NT4805V Datasheet
375Kb / 8P
   DPWROK and RSMRST_N Logic
February 25, 2022
SLG7NT4774V RENESAS-SLG7NT4774V Datasheet
977Kb / 9P
   ALL_SYS_PWRGD and PCH_PWROK and SYS_PWROK Logic
February 25, 2022
logo
Nell Semiconductor Co.,...
16T NELLSEMI-16T Datasheet
661Kb / 7P
   Snubberless, Logic Level and Standard
12T NELLSEMI-12T Datasheet
659Kb / 7P
   Snubberless, Logic Level and Standard
logo
List of Unclassifed Man...
AN202 ETC-AN202 Datasheet
72Kb / 5P
   Testing and specifying FAST logic
logo
Advanced Monolithic Sys...
AMS23M1 ADMOS-AMS23M1 Datasheet
50Kb / 4P
   CPU and Logic Circuit Reset
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
Comset Semiconductor
SAA1029 COMSET-SAA1029 Datasheet
281Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
List of Unclassifed Man...
SAA1029 ETC-SAA1029 Datasheet
160Kb / 3P
   UNIVERSAL INDUSTRIAL LOGIC AND INTERFACE CIRCUIT
logo
Texas Instruments
TUSB322I TI1-TUSB322I Datasheet
1Mb / 37P
[Old version datasheet]   Configuration Channel Logic and Port Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com